Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN140A75 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN140A75
Description  140MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN140A75 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN140A75 Datasheet HTML 1Page - SIPAT Co,Ltd LBN140A75 Datasheet HTML 2Page - SIPAT Co,Ltd LBN140A75 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN140A75
Rev. Date
2012-04-11
Ver.
1.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
17.6MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LBN140A7
Number:LBN140A7
Number:LBN140A7
Number:LBN140A75
5
5
5
Matching Configuration
手动测试座
Source/Load
Source/Load
Source/Load
Source/Load Impedance=50
Impedance=50
Impedance=50
Impedance=50 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input
1
Output
5
Ground 2、3、4、6
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) SIPAT: Manufacturer Name
2) LBN140A72: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
Package:
Package:
Package:
Package: DIP3512
DIP3512
DIP3512
DIP3512
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm
Typical Performance
35.00 0.50
0.45 0.05
25.40 0.50
2.54 0.20
2.54 0.20
SIPAT
LBN140A75
XXYYZZ


Similar Part No. - LBN140A75

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN140A72 SIPAT-LBN140A72 Datasheet
190Kb / 3P
   140MHz SAW Filter 17.65MHz Bandwidth
LBN140A72 SIPAT-LBN140A72 Datasheet
190Kb / 3P
   140MHz SAW Filter
LBN140A73 SIPAT-LBN140A73 Datasheet
323Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter 13.2MHz Bandwidth
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
More results

Similar Description - LBN140A75

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
LBN140A77 SIPAT-LBN140A77 Datasheet
324Kb / 3P
   140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
   140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
   140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
   140MHz SAW Filter
logo
Golledge Electronics Lt...
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com