Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT45B Datasheet(PDF) 5 Page - TDK Electronics

Part # ACT45B
Description  Common Mode Filters For automobile signal line ACT series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45B Datasheet(HTML) 5 Page - TDK Electronics

  ACT45B Datasheet HTML 1Page - TDK Electronics ACT45B Datasheet HTML 2Page - TDK Electronics ACT45B Datasheet HTML 3Page - TDK Electronics ACT45B Datasheet HTML 4Page - TDK Electronics ACT45B Datasheet HTML 5Page - TDK Electronics ACT45B Datasheet HTML 6Page - TDK Electronics ACT45B Datasheet HTML 7Page - TDK Electronics ACT45B Datasheet HTML 8Page - TDK Electronics ACT45B Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(5/11)
001-01 / 20131106 / e9711_act.fm
• All specifications are subject to change without notice.
EMC Components
ACT series
ACT45B Type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
CIRCUIT DIAGRAM
4.5
±0.2
1
2
4
3
0.65
±0.1
0.7
±0.1
Marking
Dimensions in mm
5.9
3.2
Dimensions in mm
1
2
4
3
• No polarity


Similar Part No. - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
   Common Mode Filters SMD
ACT45B TDK-ACT45B Datasheet
40Kb / 2P
   Common Mode Filters(SMD) For CAN-BUS
logo
EPCOS
ACT45B EPCOS-ACT45B Datasheet
544Kb / 7P
   ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
107Kb / 7P
   Common Mode Filters For automobile signal line
More results

Similar Description - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT-45B TDK-ACT-45B Datasheet
133Kb / 11P
   Common Mode Filters For automobile signal line ACT series
ACM2012 TDK-ACM2012_13 Datasheet
196Kb / 3P
   Common Mode Filters For automobile signal line
ACT45B-101-2P-TL003 TDK-ACT45B-101-2P-TL003_16 Datasheet
107Kb / 7P
   Common Mode Filters For automobile signal line
ZJYS81R5-2P24T-G01 TDK-ZJYS81R5-2P24T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ZJYS81R5-2PL51T-G01 TDK-ZJYS81R5-2PL51T-G01 Datasheet
53Kb / 3P
   Common Mode Filters For automobile signal line
ACT45L-201-2P-TL000 TDK-ACT45L-201-2P-TL000 Datasheet
105Kb / 7P
   Common Mode Filters For automobile signal line
ACT1210-101-2P-TL00 TDK-ACT1210-101-2P-TL00 Datasheet
126Kb / 8P
   Common Mode Filters For automobile signal line
ZJYS51R5-2PBT-01 TDK-ZJYS51R5-2PBT-01 Datasheet
95Kb / 5P
   Common Mode Filters For general signal line
ZJYS51R5-4P TDK-ZJYS51R5-4P Datasheet
96Kb / 6P
   Common Mode Filters For general signal line
ZJYS51R52PT-01 TDK-ZJYS51R52PT-01 Datasheet
100Kb / 5P
   Common Mode Filters For General Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com