Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE500 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1.5KE500
Description  1500 WattsTransient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1.5KE500 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1.5KE500 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE500 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE500 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1.5KE500 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (1.5KE SERIES)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
10
100
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
UNIDIRECTIONAL ONLY
FIG.1- PEAK PULSE POWER RATING CURVE
0.1
1
10
100
td. PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
T =25 C
A
0
FIG.3- CLAMPING POWER PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
50
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of lPPM
td
tr=10 sec.
m
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
m
PEAK VALUE
lPPM
HALF VALUE- lPPM
2
150
FIG.5- TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
V(BR), BREAKDOWN VOLTAGE. VOLTS
UNIDIRECTIONAL
BIDIRECTIONA
V=0
R
Tj = 25 C
f=1.0MHz
Vsig=50mVp-p
O
V -RATED
STAND-OFF
VOLTAGE
R
1
10
100
200
10
100
1000
10000
FIG.2- PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE. ( C)
O
0
25
50
75
100
125
150
175
200
0
25
50
75
100
0.8 X 0.8 X .040"
(20 X 20 X 1mm.)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
With heat sink
Without heat sink
PULSE
1.5KE SERIES
1500 WattsTransient Voltage Suppressor Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1.5KE500

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1.5KE500 WILLAS-1.5KE500 Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
Socay Electornics Co., ...
1.5KE500 SOCAY-1.5KE500 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
1.5KE500 LUGUANG-1.5KE500 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE500 LUGUANG-1.5KE500 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
1.5KE500 SOCAY-1.5KE500 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - 1.5KE500

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE6.8 TSC-1.5KE6.8_1 Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE600A LUGUANG-1.5KE600A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550 LUGUANG-1.5KE550 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE6.8 LUGUANG-1.5KE6.8 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550A LUGUANG-1.5KE550A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1N6267 LUGUANG-1N6267_17 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_10 Datasheet
677Kb / 4P
   1500 WattsTransient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5SMC6V8 ETC1-1.5SMC6V8 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com