Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABL004-00E Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ABL004-00E
Description  Precision Gear Tooth and Encoder Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABL004-00E Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ABL004-00E Datasheet HTML 2Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 3Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 4Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 5Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 6Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 7Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 8Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 9Page - List of Unclassifed Manufacturers ABL004-00E Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
- 53 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Specifications:
Parameter
Min
Typ
Max
Unit
Input Voltage
4.5
36
Volts
1
Supply Current in Off State
(Input Voltage=12V)
3.2
4.0
4.8
mA
2
Supply Current in On State
(Input Voltage=12V)
7.0
8.0
9.0
mA
2
Output Duty Cycle
40
50
60
%
Operating Temperature Range
-40
+150
°C
AKL001-12 Airgap, Over Full Temperature and
Voltage Range
4
1.0
3.5
mm
AKL002-12 Airgap, Over Full Temperature and
Voltage Range
4
1.0
2.5
mm
AKL003-12 Airgap, Over Full Temperature and
Voltage Range
4
1.0
2.0
mm
Frequency of Operation
0
10K
Hz
ESD
2000
V
3
Absolute Maximum Ratings
Parameter
Limit
Supply Voltage
45V
Reverse Battery Voltage
-60V
Continuous Output Current
16mA
Junction Temperature Range
-40
°C to +170°C
Storage Temperature Range
-65
°C to +170°C
Notes:
1.
The supply voltage must appear across the power and ground terminals of the part. Any additional voltage drop due to the
presence of a series resistor is not included in this specification.
2.
Supply currents can be factory programmed to different levels, for example 3 mA and 6 mA, or 7 mA and 14 mA;
contact NVE for details.
3.
Pin-to-pin voltage, Human Body Model for ESD
4.
Airgap measured with standard ferrous gear tooth; contact NVE for details.
Current
Output
(mA)
Time
5
10
Signal Output


Similar Part No. - ABL004-00E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABL004-00 ETC-ABL004-00 Datasheet
163Kb / 6P
   Single/Double Bridge Gear Tooth And Encoder Sensors
ABL004-00 ETC2-ABL004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Similar Description - ABL004-00E

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AKL RHOPOINT-AKL Datasheet
142Kb / 3P
   Digital Output Gear Tooth And Encoder Sensors
logo
List of Unclassifed Man...
ABL ETC-ABL Datasheet
163Kb / 6P
   Single/Double Bridge Gear Tooth And Encoder Sensors
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
   Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
A3059 ALLEGRO-A3059 Datasheet
144Kb / 10P
   HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
ZF Friedrichshafen AG
SD101201 ZFSWITCHES-SD101201 Datasheet
370Kb / 2P
   Gear Tooth Speed and Direction Sensor
logo
Standex Electronics, In...
S12H-SSTDSO-R5CB2-001 STANDEX-S12H-SSTDSO-R5CB2-001 Datasheet
565Kb / 3P
   Gear Tooth Speed Switch
Rev DBA
S12R-SSRDSO-NCSL5-001 STANDEX-S12R-SSRDSO-NCSL5-001 Datasheet
607Kb / 3P
   Gear Tooth Speed Switch
Rev CAA
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com