Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE250C Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P4KE250C
Description  400 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P4KE250C Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P4KE250C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P4KE250C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P4KE250C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P4KE250C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
1
40
25
100
100
12
150
0
0
1
0.1
6
70
1
10000
0.2
##
0
Ratings and Characteristics Curves (TA=25 unless otherwise noted)
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Surge Current
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
1
10
100
Number of Cycles at 60 Hz
TJ = TJ max.
8.3 ms Single Half Sine-Wave
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,TA ( )
0.1
1
10
100
0 1
1
10
100
1000
10000
0
0
0.2
100
0.5
76
1
50
1.5
33
2
23
3
13
4
10
Fig. 5 - Pulse Waveform
Fig. 6 - Typical Junction Capacitance
Fig. 3 - Steady State Power Derating Curve
Fig. 4 - Peak Pulse Power Rating Curve
1
10
100
1000
10000
1
10
100
1000
Reverse Breakdown Voltage,VBR (V)
Bi-directional @VRWM
Uni-directional @VRWM
TJ=25 °C
f=1.0MHz
0.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL ( )
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 sec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10 s
Bi-directional
@zero bias
Uni-directional
@zero bias
0.1
0.1
1
10
100
1000
10000
Pulse Width ,td ( s)
P4KE SERIES
400 Watts Transient Voltage Suppressor Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - P4KE250C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE250C PANJIT-P4KE250C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE250C LUGUANG-P4KE250C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
RFE international
P4KE250C RFE-P4KE250C Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Transys Electronics
P4KE250C TRSYS-P4KE250C Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4KE250C LUGUANG-P4KE250C Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE250C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE LUGUANG-P4KE Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500A LUGUANG-P4KE500A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE600A LUGUANG-P4KE600A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com