Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-5.7-320240WFB-ATXI-1 Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-5.7-320240WFB-ATXI-1
Description  Color Liquid Crystal Display Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-5.7-320240WFB-ATXI-1 Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-5.7-320240WFB-ATXI-1 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CON1
37
39
38
26
32
36
35
33
34
29
31
30
28
27
40
G4
B3
B2
B1
B0
SPDA
POL
IF2
15
21
25
24
22
23
18
20
19
17
16
RESET
SPENA
SPCL
2
3
5
6
4
9
8
10
11
7
1
IF1
13
14
12
41
42
44
45
43
48
47
49
50
46
GND
ENB
VGH
GND
B4
G3
G2
G1
G0
B5
B6
B7
G5
G6
G7
R0
R1
R2
R3
R7
R6
R5
Hsync
Vsync
R4
Data CLK
AVDD(analog)
AVDD(analog)
VDD(Digital)
VDD(Digital)
VGL
NPC
VGL
UD
LRC
VCOM
VCOM
GND
CON1
50
1
The non-speci ed tolerance of dimension is 0.2mm.
115.20±0.2(AA)
15.3
118.28±0.2(VA)
13.76
138.7±0.5
7.0
200.0±10.0
4-O3.5 PTH
6.3
152.0±0.2
149.0±0.5
4.0
1
3
SCALE 40/1
DOT SIZE
0.12
2
3
1
A
NC
K
1
50
SCALE 2:1
24.5
25.5
0.3
Sti ener
ConductorSide
NHD-5.7-320240WFB-ATXI#-1
Mechanical Drawing


Similar Part No. - NHD-5.7-320240WFB-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-5.7-320240WFB-CTXI-1 NEWHAVEN-NHD-5.7-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI-1 NEWHAVEN-NHD-5.7-320240WFB-ETXI-1 Datasheet
318Kb / 8P
   Color Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI-T NEWHAVEN-NHD-5.7-320240WFB-ETXI-T Datasheet
921Kb / 25P
   Liquid Crystal Display Module
More results

Similar Description - NHD-5.7-320240WFB-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480800EF-CTXP-T NEWHAVEN-NHD-4.3-480800EF-CTXP-T Datasheet
895Kb / 10P
   Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXI NEWHAVEN-NHD-5.0-800480TF-ATXI Datasheet
1Mb / 12P
   Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL NEWHAVEN-NHD-5.0-800480TF-ATXL Datasheet
853Kb / 12P
   Color Liquid Crystal Display Module
NHD-5.7-640480WF-CTXL-T NEWHAVEN-NHD-5.7-640480WF-CTXL-T Datasheet
342Kb / 8P
   Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL-CTP NEWHAVEN-NHD-4.3-480272EF-ATXL-CTP Datasheet
1Mb / 15P
   Color Liquid Crystal Display Module
NHD57320240WFBETXIT1 NEWHAVEN-NHD57320240WFBETXIT1 Datasheet
345Kb / 9P
   Color Liquid Crystal Display Module
NHD-5.7-640480WF-CTXL NEWHAVEN-NHD-5.7-640480WF-CTXL Datasheet
291Kb / 8P
   Color Liquid Crystal Display Module
NHD35320240MFATXLCTP1 NEWHAVEN-NHD35320240MFATXLCTP1 Datasheet
586Kb / 18P
   Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL NEWHAVEN-NHD-4.3-480272EF-ATXL Datasheet
772Kb / 10P
   Color Liquid Crystal Display Module
NHD-4.3-480272EF-ATXL-T NEWHAVEN-NHD-4.3-480272EF-ATXL-T Datasheet
749Kb / 10P
   Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-T NEWHAVEN-NHD-5.0-800480TF-ATXL-T Datasheet
853Kb / 12P
   Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com