Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-3.12-25664UMY3 Datasheet(PDF) 8 Page - Newhaven Display International, Inc.

Part # NHD-3.12-25664UMY3
Description  OLED Display Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-3.12-25664UMY3 Datasheet(HTML) 8 Page - Newhaven Display International, Inc.

Back Button NHD-3.12-25664UMY3_14 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-3.12-25664UMY3_14 Datasheet HTML 12Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
[8] 
 
5. Electrical Characteristics   
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Operating Temperature Range 
Top 
Absolute Max
‐20
+70 ⁰C
Storage Temperature Range 
Tst 
Absolute Max
‐40
+90 ⁰C
Supply Voltage 
VDD 
2.9
3.0
3.5 
V
Supply Current (logic) 
IDD 
Ta=25°C, VDD=2.8V
1.8
18 
mA
Supply Current (display) 
ICC 
VDD=2.8V, 50% ON
28.1
35.1 
mA
VDD=2.8V, 100% ON
47.7
59.7 
mA
Sleep Mode Current 
IDD+ICCSLEEP ‐
25
140 
µA
“H” Level input 
Vih 
0.8*VDD
VDD 
V
“L” Level input 
Vil 
VSS
0.2*VDD 
V
“H” Level output 
Voh 
0.9*VDD
VDD 
V
“L” Level output 
Vol 
VSS
0.1VDD 
V
 
 
6. Optical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Viewing Angle – Vertical (top) 
AV 
80
‐‐ 
Viewing Angle – Vertical (bottom) 
AV 
80
‐‐ 
Viewing Angle – Horizontal (left) 
AH 
80
‐‐ 
Viewing Angle – Horizontal (right) 
AH 
80
‐‐ 
Contrast Ratio 
Cr 
2000:1
‐‐ 
Response Time (rise) 
Tr ‐
10
‐ 
us
Response Time (fall) 
Tf ‐
10
‐ 
us
Brightness  
50% checkerboard
60
80
‐ 
cd/m
2
Lifetime  
Ta=25°C, 50% 
checkerboard 
40,000
‐‐ 
Hrs
Note:  Lifetime  at  typical  temperature  is  based  on  accelerated  high‐temperature  operation.  Lifetime  is  tested  at 
average  50%  pixels  on  and  is  rated  as  Hours  until  Half‐Brightness.  The  Display  OFF  command  can  be  used  to 
extend the lifetime of the display. 
Luminance of active pixels will degrade faster than inactive pixels. Residual (burn‐in) images may occur. To avoid 
this, every pixel should be illuminated uniformly.  
 
 
 
 
 
  


Similar Part No. - NHD-3.12-25664UMY3_14

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.12-25664UMY3 NEWHAVEN-NHD-3.12-25664UMY3 Datasheet
408Kb / 21P
   OLED Display Module
More results

Similar Description - NHD-3.12-25664UMY3_14

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0220DZW-AG5 NEWHAVEN-NHD-0220DZW-AG5 Datasheet
531Kb / 21P
   OLED Display Module
NHD-0420DZW-AG5 NEWHAVEN-NHD-0420DZW-AG5 Datasheet
564Kb / 22P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com