Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE300 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P4KE300
Description  400 Watts Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P4KE300 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P4KE300 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P4KE300 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P4KE300 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P4KE300 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
DO-41
Features
400W surge capability at 10 x 100us
waveform, duty cycle: 0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps
from 0 volts to VBR for unidirectional and 5.0
ns for bidirectional
Typical IR less than 1 uA above 10V
High temperature soldering guaranteed: 260oC
/ 10 seconds / .375”,(9.5mm) lead length /
5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Polarity: Color band denotes cathode except bipolar
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Peak Power Dissipation at TA=25
oC, Tp=1ms (Note 1)
PPK
Minimum 400
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
1.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25.0A for
Unidirectional Only (Note 4)
VF
3.5 /5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
o
C
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 4.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes
Maximum.
4. VF=3.5V for Devices of VBR 200V and VF=6.5V Max. for Devices VBR>200V
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types P4KE6.8 thru Types P4KE440.
2. Electrical Characteristics Apply in Both Directions.
P4KE SERIES
400 Watts Transient Voltage Suppressor Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - P4KE300

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE300 PANJIT-P4KE300 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE300 YFWDIODE-P4KE300 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Taiwan Semiconductor Co...
P4KE300 TSC-P4KE300 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Diotec Semiconductor
P4KE300 DIOTEC-P4KE300 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE300 LUGUANG-P4KE300 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE300

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500 LUGUANG-P4KE500 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE LUGUANG-P4KE Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500A LUGUANG-P4KE500A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE600A LUGUANG-P4KE600A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com