Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-15-2246 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 22-15-2246
Description  KK 100 PCB ASSY 4455 SERIES DWG
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-15-2246 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  22-15-2246 Datasheet HTML 1Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 2Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 3Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 4Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 5Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 6Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 7Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 8Page - Molex Electronics Ltd. 22-15-2246 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
SHEET No.
D11
EC No.:
UCP2013-4795
- 3 -
DATE:
5/13/2013
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
RIGHT ANGLE
Assy Proc:
BOTTOM ENTRY
Assy Proc:
BOTTOM ENTRY
Assy Proc:
BOTTOM ENTRY
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-N
Housing No:
4455-N2
Housing No:
4455-N2
Housing No:
4455-N2
Terminal No:
4316-4(208)
Terminal No:
4316-3B(P909)
Terminal No:
4316-3B(565)
Terminal No:
4316-3B(208)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
208
Plating:
P909
Plating:
565
Plating:
208
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
22-16-2020
A-4455-AZ02A(208)
22-14-2024
A-4455-BH02D(P909)
22-17-2022
A-4455-BH02D(565)
22-17-3022
A-4455-BH02D(208)
3
22-16-2030
A-4455-AZ 03 A(208)
22-14-2034
A-4455-BH 03 D(P909)
22-17-2032
A-4455-BH 03 D(565)
22-17-3032
A-4455-BH 03 D(208)
4
22-16-2040
A-4455-AZ 04 A(208)
22-14-2044
A-4455-BH 04 D(P909)
22-17-2042
A-4455-BH 04 D(565)
22-17-3042
A-4455-BH 04 D(208)
5
22-16-2050
A-4455-AZ 05 A(208)
22-14-2054
A-4455-BH 05 D(P909)
22-17-2052
A-4455-BH 05 D(565)
22-17-3052
A-4455-BH 05 D(208)
6
22-16-2060
A-4455-AZ 06 A(208)
22-14-2064
A-4455-BH 06 D(P909)
22-17-2062
A-4455-BH 06 D(565)
22-17-3062
A-4455-BH 06 D(208)
7
22-16-2070
A-4455-AZ 07 A(208)
22-14-2074
A-4455-BH 07 D(P909)
22-17-2072
A-4455-BH 07 D(565)
22-17-3072
A-4455-BH 07 D(208)
8
22-16-2080
A-4455-AZ 08 A(208)
22-14-2084
A-4455-BH 08 D(P909)
22-17-2082
A-4455-BH 08 D(565)
22-17-3082
A-4455-BH 08 D(208)
9
22-16-2090
A-4455-AZ 09 A(208)
22-14-2094
A-4455-BH 09 D(P909)
22-17-2092
A-4455-BH 09 D(565)
22-17-3092
A-4455-BH 09 D(208)
10
22-16-2100
A-4455-AZ 10 A(208)
22-14-2104
A-4455-BH 10 D(P909)
22-17-2102
A-4455-BH 10 D(565)
22-17-3102
A-4455-BH 10 D(208)
11
22-16-2110
A-4455-AZ 11 A(208)
22-14-2114
A-4455-BH 11 D(P909)
22-17-2112
A-4455-BH 11 D(565)
22-17-3112
A-4455-BH 11 D(208)
12
22-16-2120
A-4455-AZ 12 A(208)
22-14-2124
A-4455-BH 12 D(P909)
22-17-2122
A-4455-BH 12 D(565)
22-17-3122
A-4455-BH 12 D(208)
13
22-16-2130
A-4455-AZ 13 A(208)
22-14-2134
A-4455-BH 13 D(P909)
22-17-2132
A-4455-BH 13 D(565)
22-17-3132
A-4455-BH 13 D(208)
14
22-16-2140
A-4455-AZ 14 A(208)
22-14-2144
A-4455-BH 14 D(P909)
22-17-2142
A-4455-BH 14 D(565)
22-17-3142
A-4455-BH 14 D(208)
15
22-16-2150
A-4455-AZ 15 A(208)
22-14-2154
A-4455-BH 15 D(P909)
22-17-2152
A-4455-BH 15 D(565)
22-17-3152
A-4455-BH 15 D(208)
16
22-16-2160
A-4455-AZ 16 A(208)
22-14-2164
A-4455-BH 16 D(P909)
22-17-2162
A-4455-BH 16 D(565)
22-17-3162
A-4455-BH 16 D(208)
17
22-16-2170
A-4455-AZ 17 A(208)
22-14-2174
A-4455-BH 17 D(P909)
22-17-2172
A-4455-BH 17 D(565)
22-17-3172
A-4455-BH 17 D(208)
18
22-16-2180
A-4455-AZ 18 A(208)
22-14-2184
A-4455-BH 18 D(P909)
22-17-2182
A-4455-BH 18 D(565)
22-17-3182
A-4455-BH 18 D(208)
19
22-16-2190
A-4455-AZ 19 A(208)
22-14-2194
A-4455-BH 19 D(P909)
22-17-2192
A-4455-BH 19 D(565)
22-17-3192
A-4455-BH 19 D(208)
20
22-16-2200
A-4455-AZ 20 A(208)
22-14-2204
A-4455-BH 20 D(P909)
22-17-2202
A-4455-BH 20 D(565)
22-17-3202
A-4455-BH 20 D(208)
21
22-16-2210
A-4455-AZ 21 A(208)
22-14-2214
A-4455-BH 21 D(P909)
22-17-2212
A-4455-BH 21 D(565)
22-17-3212
A-4455-BH 21 D(208)
22
22-16-2220
A-4455-AZ 22 A(208)
22-14-2224
A-4455-BH 22 D(P909)
22-17-2222
A-4455-BH 22 D(565)
22-17-3222
A-4455-BH 22 D(208)
23
22-16-2230
A-4455-AZ 23 A(208)
22-14-2234
A-4455-BH 23 D(P909)
22-17-2232
A-4455-BH 23 D(565)
22-17-3232
A-4455-BH 23 D(208)
24
22-16-2240
A-4455-AZ 24 A(208)
22-14-2244
A-4455-BH 24 D(P909)
22-17-2242
A-4455-BH 24 D(565)
22-17-3242
A-4455-BH 24 D(208)
25
22-16-2250
A-4455-AZ 25 A(208)
22-14-2254
A-4455-BH 25 D(P909)
22-17-2252
A-4455-BH 25 D(565)
22-17-3252
A-4455-BH 25 D(208)
STANDARD PRODUCT


Similar Part No. - 22-15-2246

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-15-2246 MOLEX2-22-15-2246 Datasheet
630Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m (100關") Tin (Sn), 24 Circuits
More results

Similar Description - 22-15-2246

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
022284020 MOLEX-022284020 Datasheet
1Mb / 70P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
423754200 MOLEX-423754200 Datasheet
987Kb / 35P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
logo
ITT Industries
028030Y0101 ITT-028030Y0101 Datasheet
531Kb / 1P
   CONNECTOR, RECEPTACLE, ELECTRICAL HDx, JAM NUT, REAR PCB MOUNTED SKT CONTACT, MASTER ASSY DWG
logo
Molex Electronics Ltd.
09-65-2048 MOLEX11-09-65-2048 Datasheet
86Kb / 1P
   KK 3.96 WAFER ASSY WITH LOCK
22-11-1101 MOLEX11-22-11-1101 Datasheet
170Kb / 2P
   KK 2.5 WAFER ASSY WITH LOCK
10-31-1068 MOLEX11-10-31-1068 Datasheet
58Kb / 1P
   KK 5/7.5 WAFER ASSY WITH LOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com