Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBA120 Datasheet(PDF) 2 Page - Clare, Inc.

Part # LBA120
Description  Single Pole OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA120 Datasheet(HTML) 2 Page - Clare, Inc.

  LBA120 Datasheet HTML 1Page - Clare, Inc. LBA120 Datasheet HTML 2Page - Clare, Inc. LBA120 Datasheet HTML 3Page - Clare, Inc. LBA120 Datasheet HTML 4Page - Clare, Inc. LBA120 Datasheet HTML 5Page - Clare, Inc. LBA120 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
150
mA
DC Configuration
-
I
L
-
-
200
mA
Peak Load Current
10ms
I
LPK
--
-
mA
On-Resistance
AC/DC Configuration
I
L=Load Current
R
ON
-15
20
DC Configuration
I
L=Load Current
-
5
6
Off-State Leakage Current
V
L=25OV
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
3
ms
Turn-Off
I
F =5mA, VL=10V
T
OFF
--
3
ms
Output Capacitance
50V; f=1MHz
C
OUT
-50
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=Load Current
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
www.clare.com
LCA120
Rev. 8
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
2
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C


Similar Part No. - LBA120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA120 IXYS-LBA120 Datasheet
151Kb / 9P
   Dual Single-Pole OptoMOS Relay
logo
Bookham, Inc.
LBA120C-806-02 BOOKHAM-LBA120C-806-02 Datasheet
678Kb / 4P
   Macrochannel Cooler Based Lateral Laser Diode Bar Arrays
logo
Clare, Inc.
LBA120L CLARE-LBA120L Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LBA120L CLARE-LBA120L Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
More results

Similar Description - LBA120

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com