Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-15-2166 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 22-15-2166
Description  KK 100 PCB ASSY 4455 SERIES DWG
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-15-2166 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 22-15-2166 Datasheet HTML 7Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 8Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 9Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 10Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 11Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 12Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 13Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 14Page - Molex Electronics Ltd. 22-15-2166 Datasheet HTML 15Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
SHEET No.
D11
EC No.:
UCP2013-4795
- 11 -
DATE:
5/13/2013
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
YES
Hooks Cut:
YES
Housing No:
4455-NR
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-N
Terminal No:
4316-4(P909)
Terminal No:
6516-4(228)
Terminal No:
4316-4(208)
Terminal No:
6516-4(228)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
P909
Plating:
228
Plating:
208
Plating:
228
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-003
Packaging:
PK-44646-003
Voids:
NO
Voids:
NO
Voids:
NO
Voids:
NO
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
22-65-3020
A-4455-CR02A(P909)
22-18-2024
A-4455-CZ02B(228)
22-18-7023
A-4455-CY02A(208)
22-18-7021
A-4455-CY02B(228)
3
22-65-3030
A-4455-CR 03A(P909)
22-18-2034
A-4455-CZ 03 B(228)
22-18-7033
A-4455-CY 03 A(208)
22-18-7031
38-00-1478
A-4455-CY 03 B(228)
4
22-65-3040
A-4455-CR 04A(P909)
22-18-2044
A-4455-CZ 04 B(228)
22-18-7043
A-4455-CY 04 A(208)
22-18-7041
A-4455-CY 04 B(228)
5
22-65-3050
A-4455-CR 05A(P909)
22-18-2054
A-4455-CZ 05 B(228)
22-18-7053
A-4455-CY 05 A(208)
22-18-7051
A-4455-CY 05 B(228)
6
22-65-3060
A-4455-CR 06A(P909)
22-18-2064
A-4455-CZ 06 B(228)
22-18-7063
A-4455-CY 06 A(208)
22-18-7061
A-4455-CY 06 B(228)
7
22-65-3070
A-4455-CR 07A(P909)
22-18-2074
A-4455-CZ 07 B(228)
22-18-7073
A-4455-CY 07 A(208)
22-18-7071
A-4455-CY 07 B(228)
8
22-65-3080
A-4455-CR 08A(P909)
22-18-2084
A-4455-CZ 08 B(228)
22-18-7083
A-4455-CY 08 A(208)
22-18-7081
A-4455-CY 08 B(228)
9
22-65-3090
A-4455-CR 09A(P909)
22-18-2094
A-4455-CZ 09 B(228)
22-18-7093
A-4455-CY 09 A(208)
22-18-7091
A-4455-CY 09 B(228)
10
22-65-3100
A-4455-CR 10A(P909)
22-18-2104
A-4455-CZ 10 B(228)
22-18-7103
A-4455-CY 10 A(208)
22-18-7101
A-4455-CY 10 B(228)
11
22-65-3110
A-4455-CR 11A(P909)
22-18-2114
A-4455-CZ 11 B(228)
22-18-7113
A-4455-CY 11 A(208)
22-18-7111
A-4455-CY 11 B(228)
12
22-65-3120
A-4455-CR 12A(P909)
22-18-2124
A-4455-CZ 12 B(228)
22-18-7123
A-4455-CY 12 A(208)
22-18-7121
A-4455-CY 12 B(228)
13
22-65-3130
A-4455-CR 13A(P909)
22-18-2134
A-4455-CZ 13 B(228)
22-18-7133
A-4455-CY 13 A(208)
22-18-7131
A-4455-CY 13 B(228)
14
22-65-3140
A-4455-CR 14A(P909)
22-18-2144
A-4455-CZ 14 B(228)
22-18-7143
A-4455-CY 14 A(208)
22-18-7141
A-4455-CY 14 B(228)
15
22-65-3150
A-4455-CR 15A(P909)
22-18-2154
A-4455-CZ 15 B(228)
22-18-7153
A-4455-CY 15 A(208)
22-18-7151
A-4455-CY 15 B(228)
16
22-65-3160
A-4455-CR 16A(P909)
22-18-2164
A-4455-CZ 16 B(228)
22-18-7163
A-4455-CY 16 A(208)
22-18-7161
A-4455-CY 16 B(228)
17
22-65-3170
A-4455-CR 17A(P909)
22-18-2174
A-4455-CZ 17 B(228)
22-18-7173
A-4455-CY 17 A(208)
22-18-7171
A-4455-CY 17 B(228)
18
22-65-3180
A-4455-CR 18A(P909)
22-18-2184
A-4455-CZ 18 B(228)
22-18-7183
A-4455-CY 18 A(208)
22-18-7181
A-4455-CY 18 B(228)
19
22-65-3190
A-4455-CR 19A(P909)
22-18-2194
A-4455-CZ 19 B(228)
22-18-7193
A-4455-CY 19 A(208)
22-18-7191
A-4455-CY 19 B(228)
20
22-65-3200
A-4455-CR 20A(P909)
22-18-2204
A-4455-CZ 20 B(228)
22-18-7203
A-4455-CY 20 A(208)
22-18-7201
A-4455-CY 20 B(228)
21
22-65-3210
A-4455-CR 21A(P909)
22-18-2214
A-4455-CZ 21 B(228)
22-18-7213
A-4455-CY 21 A(208)
22-18-7211
A-4455-CY 21 B(228)
22
22-65-3220
A-4455-CR 22A(P909)
22-18-2224
A-4455-CZ 22 B(228)
22-18-7223
A-4455-CY 22 A(208)
22-18-7221
A-4455-CY 22 B(228)
23
22-65-3230
A-4455-CR 23A(P909)
22-18-2234
A-4455-CZ 23 B(228)
22-18-7233
A-4455-CY 23 A(208)
22-18-7231
A-4455-CY 23 B(228)
24
22-65-3240
A-4455-CR 24A(P909)
22-18-2244
A-4455-CZ 24 B(228)
22-18-7243
A-4455-CY 24 A(208)
22-18-7241
A-4455-CY 24 B(228)
25
22-65-3250
A-4455-CR 25A(P909)
22-18-2254
A-4455-CZ 25 B(228)
22-18-7253
A-4455-CY 25 A(208)
22-18-7251
A-4455-CY 25 B(228)


Similar Part No. - 22-15-2166

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-15-2166 MOLEX2-22-15-2166 Datasheet
625Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Right Angle, End-to-End Stackable, 2.54關m (100關) Tin (Sn), 16 Circuits
22-15-2166 MOLEX-22-15-2166 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
22-15-2166 MOLEX-22-15-2166 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
More results

Similar Description - 22-15-2166

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
022284020 MOLEX-022284020 Datasheet
1Mb / 70P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
423754200 MOLEX-423754200 Datasheet
987Kb / 35P
   KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
logo
ITT Industries
028030Y0101 ITT-028030Y0101 Datasheet
531Kb / 1P
   CONNECTOR, RECEPTACLE, ELECTRICAL HDx, JAM NUT, REAR PCB MOUNTED SKT CONTACT, MASTER ASSY DWG
logo
Molex Electronics Ltd.
09-65-2048 MOLEX11-09-65-2048 Datasheet
86Kb / 1P
   KK 3.96 WAFER ASSY WITH LOCK
22-11-1101 MOLEX11-22-11-1101 Datasheet
170Kb / 2P
   KK 2.5 WAFER ASSY WITH LOCK
10-31-1068 MOLEX11-10-31-1068 Datasheet
58Kb / 1P
   KK 5/7.5 WAFER ASSY WITH LOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com