Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ33 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ33
Description  1500Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ33 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ33 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ33 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ33 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ33 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMCJ5.0
SMCJ5.0C
GDD BDD
6.40
7.30
10
800
5.0
156.25
9.6
SMCJ5.0A
SMCJ5.0CA
GDE BDE
6.40
7.00
10
800
5.0
163.04
9.2
SMCJ6.0
SMCJ6.0C
GDF BDF
6.67
8.15
10
800
6.0
131.58
11.4
SMCJ6.0A
SMCJ6.0CA
GDG BDG
6.67
7.37
10
800
6.0
145.63
10.3
SMCJ6.5
SMCJ6.5C
GDH BDH
7.22
8.82
10
500
6.5
121.95
12.3
SMCJ6.5A
SMCJ6.5CA
GDK BDK
7.22
7.98
10
500
6.5
133.93
11.2
SMCJ7.0
SMCJ7.0C
GDL BDL
7.78
9.51
10
200
7.0
112.78
13.3
SMCJ7.0A
SMCJ7.0CA
GDM BDM
7.78
8.60
10
200
7.0
125.00
12.0
SMCJ7.5
SMCJ7.5C
GDN BDN
8.33
10.20
1
100
7.5
104.90
14.3
SMCJ7.5A
SMCJ7.5CA
GDP BDP
8.33
9.21
1
100
7.5
116.28
12.9
SMCJ8.0
SMCJ8.0C
GDQ BDQ
8.89
10.90
1
50
8.0
100.00
15.0
SMCJ8.0A
SMCJ8.0CA
GDR BDR
8.89
9.83
1
50
8.0
110.29
13.6
SMCJ8.5
SMCJ8.5C
GDS BDS
9.44
11.50
1
20
8.5
94.34
15.9
SMCJ8.5A
SMCJ8.5CA
GDT BDT
9.44
10.40
1
20
8.5
104.17
14.4
SMCJ9.0
SMCJ9.0C
GDU BDU
10.00
12.20
1
10
9.0
88.76
16.9
SMCJ9.0A
SMCJ9.0CA
GDV BDV
10.00
11.10
1
10
9.0
97.40
15.4
SMCJ10
SMCJ10C
GDW BDW
11.10
13.60
1
5
10.0
79.79
18.8
SMCJ10A
SMCJ10CA
GDX BDX
11.10
12.30
1
5
10.0
88.24
17.0
SMCJ11
SMCJ11C
GDY BDY
12.20
14.90
1
1
11.0
74.63
20.1
SMCJ11A
SMCJ11CA
GDZ BDZ
12.20
13.50
1
1
11.0
82.42
18.2
SMCJ12
SMCJ12C
GED BED
13.30
16.30
1
1
12.0
68.18
22.0
SMCJ12A
SMCJ12CA
GEE BEE
13.30
14.70
1
1
12.0
75.38
19.9
SMCJ13
SMCJ13C
GEF BEF
14.40
17.60
1
1
13.0
63.03
23.8
SMCJ13A
SMCJ13CA
GEG BEG
14.40
15.90
1
1
13.0
69.77
21.5
SMCJ14
SMCJ14C
GEH BEH
15.60
19.10
1
1
14.0
58.14
25.8
SMCJ14A
SMCJ14CA
GEK BEK
15.60
17.20
1
1
14.0
64.66
23.2
SMCJ15
SMCJ15C
GEL BEL
16 70
20 40
1
1
15 0
55 76
26 9
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Clamping
Voltage VC
@IPP
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
SMCJ15
SMCJ15C
GEL BEL
16.70
20.40
1
1
15.0
55.76
26.9
SMCJ15A
SMCJ15CA
GEM BEM
16.70
18.50
1
1
15.0
61.48
24.4
SMCJ16
SMCJ16C
GEN BEN
17.80
21.80
1
1
16.0
52.08
28.8
SMCJ16A
SMCJ16CA
GEP BEP
17.80
19.70
1
1
16.0
57.69
26.0
SMCJ17
SMCJ17C
GEQ BEQ
18.90
23.10
1
1
17.0
49.18
30.5
SMCJ17A
SMCJ17CA
GER BER
18.90
20.90
1
1
17.0
54.35
27.6
SMCJ18
SMCJ18C
GES BES
20.00
24.40
1
1
18.0
46.58
32.2
SMCJ18A
SMCJ18CA
GET BET
20.00
22.10
1
1
18.0
51.37
29.2
SMCJ19
SMCJ19C
GEA BEA
21.13
25.76
1
1
19.0
44.10
34.0
SMCJ19A
SMCJ19CA
GEB BEB
21.10
23.30
1
1
19.0
48.73
30.8
SMCJ20
SMCJ20C
GEU BEU
22.20
27.10
1
1
20.0
41.90
35.8
SMCJ20A
SMCJ20CA
GEV BEV
22.20
24.50
1
1
20.0
46.30
32.4
SMCJ22
SMCJ22C
GEW BEW
24.40
29.80
1
1
22.0
38.07
39.4
SMCJ22A
SMCJ22CA
GEX BEX
24.40
26.90
1
1
22.0
42.25
35.5
SMCJ24
SMCJ24C
GEY BEY
26.70
32.60
1
1
24.0
34.88
43.0
SMCJ24A
SMCJ24CA
GEZ BEZ
26.70
29.50
1
1
24.0
38.56
38.9
SMCJ26
SMCJ26C
GFD BFD
28.90
35.30
1
1
26.0
32.19
46.6
SMCJ26A
SMCJ26CA
GFE BFE
28.90
31.90
1
1
26.0
35.63
42.1
SMCJ28
SMCJ28C
GFF BFF
31.10
38.00
1
1
28.0
30.00
50.0
SMCJ28A
SMCJ28CA
GFG BFG
31.10
34.40
1
1
28.0
33.04
45.4
SMCJ30
SMCJ30C
GFH BFH
33.30
40.70
1
1
30.0
28.04
53.5
SMCJ30A
SMCJ30CA
GFK BFK
33.30
36.80
1
1
30.0
30.99
48.4
SMCJ33
SMCJ33C
GFL BFL
36.70
44.90
1
1
33.0
25.42
59.0
SMCJ33A
SMCJ33CA
GFM BFM
36.70
40.60
1
1
33.0
28.14
53.3
SMCJ36
SMCJ36C
GFN BFN
40.00
48.90
1
1
36.0
23.33
64.3
SMCJ36A
SMCJ36CA
GFP BFP
40.00
44.20
1
1
36.0
25.82
58.1
SMCJ40
SMCJ40C
GFQ BFQ
44.40
54.30
1
1
40.0
21.01
71.4
SMCJ40A
SMCJ40CA
GFR BFR
44.40
49.10
1
1
40.0
23.26
64.5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
SMCJ SERIES
1500Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMCJ33

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ33 DCCOM-SMCJ33 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ33 JUXING-SMCJ33 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMCJ33 YANGJIE-SMCJ33 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ33 LUGUANG-SMCJ33 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Formosa MS
SMCJ33 FORMOSA-SMCJ33 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ33

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ300A LUGUANG-SMCJ300A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ440A LUGUANG-SMCJ440A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
SMCJ350A LUGUANG-SMCJ350A Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com