Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA90N33ATDTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGA90N33ATDTU
Description  330V, 90A PDP Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA90N33ATDTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGA90N33ATDTU Datasheet HTML 1Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 2Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 3Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 4Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 5Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 6Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 7Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 8Page - Fairchild Semiconductor FGA90N33ATDTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGA90N33ATD Rev. C0
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Capacitance Characteristics
Figure 9. Gate charge Characteristics
Figure 10. SOA Characteristics
Figure 11. Turn-on Characteristics vs.
Figure 12. Turn-off Characteristics vs.
0
4
8
121620
0
4
8
12
16
20
90A
IC = 20A
40A
Common Emitter
TC = 125
oC
Gate-Emitter Voltage, VGE [V]
0.1
1
10
0
1000
2000
3000
4000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
oC
Cres
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
110
100
0.01
0.1
1
10
100
500
1ms
10 ms
DC
*Notes:
1. TC = 25
oC
2. TJ = 150
oC
3. Single Pulse
10μs
100μs
Collector-Emitter Voltage, VCE [V]
500
0
20406080
100
0
3
6
9
12
15
Common Emitter
TC = 25
oC
200V
V
CC = 100V
Gate Charge, Qg [nC]
0
20406080
100
10
100
1000
Common Emitter
VCC = 200V, VGE = 15V
IC = 20A
TC = 25
oC
TC = 125
oC
td(off)
t
f
Gate Resistance, RG [Ω]
5500
0
20
406080
100
10
100
Common Emitter
VCC = 200V, VGE = 15V
IC = 20A
TC = 25
oC
TC = 125
oC
td(on)
t
r
Gate Resistance, RG [Ω]
200
Gate Resistance
Gate Resistance


Similar Part No. - FGA90N33ATDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD_11 Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
More results

Similar Description - FGA90N33ATDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD_11 Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
   330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
   330V, 180A PDP Trench IGBT
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
   330V, 180A PDP Trench IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
   330V PDP IGBT
FGA70N33BTD FAIRCHILD-FGA70N33BTD Datasheet
755Kb / 9P
   330V, 70A PDP IGBT
FGPF50N33BT FAIRCHILD-FGPF50N33BT Datasheet
661Kb / 8P
   330V, 50A PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com