Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH20472V Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECWH20472V
Description  Designed for high frequency and pluse applications.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH20472V Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECWH20472V Datasheet HTML 6Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 7Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 8Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 9Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 10Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 11Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 12Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 13Page - Panasonic Semiconductor ECWH20472V Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.0047
472
28.2
0.0068
682
40.8
0.0100
103
60.0
0.0150
153
90.0
0.0220
223
132.0
0.0330
333
198.0
0.0470
473
282.0
0.0680
683
408.0
0.1000
104
600.0
1250VDC
6000
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Permissible Current
Voltage Derating by Temperature
0
200
400
600
800
1000
1200
1400
-40
-20
0
20
40
60
80
100 120
0
1
2
3
4
5
6
7
8
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECWH(V) Type 1250VDC Series (Metallized Polypropylene Film)
Applicable Specifications
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.0036uF to 0.1uF
0.0047uF
0.0068uF
0.01uF
0.015uF
0.022uF
0.033uF
0.047uF
0.068uF
0.1uF


Similar Part No. - ECWH20472V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10102MV PANASONIC-ECWH10102MV Datasheet
98Kb / 7P
   Metallized Polypropylene Film Capacitor
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10103 PANASONIC-ECWH10103 Datasheet
214Kb / 14P
   Plastic Film Capacitors
More results

Similar Description - ECWH20472V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-H20102JV PANASONIC-ECW-H20102JV Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
   Designed for high durability applications
logo
M.S. Kennedy Corporatio...
MSK4805 MSK-MSK4805_15 Datasheet
843Kb / 8P
   Designed for High Temperature Applications
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
Everlight Electronics C...
7383-G1C3-ATVA EVERLIGHT-7383-G1C3-ATVA Datasheet
113Kb / 8P
   Specially designed for applications
7383-B1C3-AMQA EVERLIGHT-7383-B1C3-AMQA Datasheet
112Kb / 8P
   Specially designed for applications
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000_09 Datasheet
339Kb / 1P
   Designed for switching applications
DSM8100-000 SKYWORKS-DSM8100-000_08 Datasheet
107Kb / 5P
   Designed for switching applications
logo
Everlight Electronics C...
7344-B2T3-AMQB EVERLIGHT-7344-B2T3-AMQB Datasheet
103Kb / 6P
   Specially designed for applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com