Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F720J107MRC Datasheet(PDF) 1 Page - Nichicon corporation

Part # F720J107MRC
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F720J107MRC Datasheet(HTML) 1 Page - Nichicon corporation

  F720J107MRC Datasheet HTML 1Page - Nichicon corporation F720J107MRC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of capacitor,
the pressure strength is applied with
a specified jig at the center of
substrate so that the substrate may
bend by 1mm as illustrated. Then,
there shall be found no remarkable
abnormality on the capacitor terminals.
After applying the pressure load of 5N
for 10±1 seconds horizontally to the
center of capacitor side body which has
no electrode and has been soldered
beforehand on a substrate, there shall be
found neither exfoliation
nor its sign at the terminal electrode.
After 2000 hours' application of rated voltage at 85˚C,
capacitors shall meet the characteristic requirements table below.
Capacitance Change •••••• Refer to * 1
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current ••••••••••• • Initial specified value or less
After application of surge in series with a 33
Ω resistor at the rate of 30
seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85
˚C,
capacitors shall meet the characteristic requirements table below.
Capacitance Change •••••• Refer to * 1
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current ••••••••••• • Initial specified value or less
At 40
˚C, 90 to 95% R.H., For 500 hours (No voltage applied)
Capacitance Change •••••• Refer to * 1
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current ••••••••••• Initial specified value or less
+15% Max. (at +125
˚C)
+10% Max. (at +85
˚C)
--10% Max. (at --55
˚C)
• After 1 minute's application of rated voltage, leakage current at 20˚C is not
more than 0.01CV or 0.5µA, whichever is greater.
• After 1 minute's application of rated voltage, leakage current at 85˚C is not
more than 0.1CV or 5µA, whichever is greater.
• After 1 minute's application of derated voltage, leakage current at 125˚Cis
not more than 0.125CV or 6.3µA, whichever is greater.
Refer to next page
Refer to next page
Leakage Current
5N (0.51kg f)
For 10
± 1 seconds
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F72 LowProfile
Conformal
coated Chip
Specifications
Type numbering system (Example : 16V 150µF)
Drawing
Item
Category
Temperature Range
Capacitance Tolerance
Dissipation Factor
(120Hz)
ESR (100kHz)
Capacitance Change
by Temperature
Damp Heat
(Steady State)
Temperature Cycles
Resistance to
Soldering Heat
Surge
Endurance
Shear Test
Terminal Strength
Per formance Characteristics
--55 to + 125
˚C (Rated temperature : + 85˚C)
± 20%, ± 10% (at 120Hz)
10 seconds reflow at 260
˚C, 10 seconds immersion at 260˚C
Capacitance Change •••••• Refer to * 1
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current ••••••••••• • Initial specified value or less
At --55
˚C / +125˚C, 30 minutes each, For 5 cycles,
Capacitance Change •••••• Refer to * 1
Dissipation Factor •••••••••• Initial specified value or less
Leakage Currentv •••••••••• Initial specified value or less
R230
45
45
20
Type numbering system (Example : 10V 100µF)
Drawing
Dimensions
Dimensions
Standard Ratings
L
W
H
D
B
A
L
W
B
A
H
D
Solder electrode
(mm)
D dimension only for reference
F75
F72
∗ As for the surge voltage, refer to page 332 for details.
F75
033
047
068
100
150
220
330
470
680
1000
1500
336
476
686
107
157
227
337
477
687
108
158
R
R
R
R
R
R
R
R
R
M
M
R
R
R
R
R
(R)
M
M
M
R
R
R
4
6.3
10
16
0G
0J
1A
1C
V
F72
Code
068
100
150
220
330
470
680
1000
1500
2200
686
107
157
227
337
477
687
108
158
228
C
C D
D
D R
R
R
C
C D
U D
(U) D R
(U) R
C
C D
D
U R
C
C
D
R
4
6.3
10
16
0G
0J
1A
1C
V
Code
Case code
LW
H
A
B
(D)
C
7.1 ± 0.3 3.2 ± 0.3 2.5 ± 0.3 1.3 ± 0.3 3.6 ± 0.6
(6.0)
U
7.1 ± 0.3 3.2 ± 0.3 2.0MAX. 1.3 ± 0.3 3.6 ± 0.6
(6.0)
D
7.3 ± 0.3 4.3 ± 0.3 2.8 ± 0.3 1.3 ± 0.4 3.9 ± 0.6
(6.4)
R
7.2 ± 0.3 6.0 ± 0.3 3.5 ± 0.3 1.3 ± 0.4 3.8 ± 0.6
(6.2)
(mm)
D dimension only for reference
Cap.(µF)
Cap. (µF)
Case code
LW
H
A
B
(D)
R
7.2
± 0.3 6.0± 0.3 1.2 ± 0.3 1.3 ± 0.4 3.8 ±0.6 (6.2)
M
7.2
± 0.3 6.0± 0.3 2.0MAX. 1.3 ± 0.4 3.8 ±0.6 (6.2)
Taping code(Refer to page 333 for details)
F
1
7
2
2
3
1
4
A
5
1
6
0
7
7
8
121314
M
9
RA Q 2
10
11
Case code
Single face electrode
Capacitance tolerance
Rated capacitance
Rated voltage
Series
Taping code(Refer to page 333 for details)
F
1
7
2
5
3
1
4
C
5
1
6
5
7
7
8
M
9
D
10
11
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
12 13 14
AQ 2
Single face electrode
Compliant to the RoHS directive (2002/95/EC).
F75MaximumCV
Conformal
coated Chip
( ) The series in parentheses
are being developed. Please
contact to your local Nichicon
sales office when these
series are being designed in
your application.
Applications
Wireless modem
e-book
Tablet PC
SSD
Smart meter
CAT.8100B


Similar Part No. - F720J107MRC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F720J107MR NICHICON-F720J107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F720J107MRC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com