Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6N50TMF085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD6N50TMF085
Description  N-Channel UniFETTM MOSFET500 V, 6 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N50TMF085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD6N50TMF085 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 8Page - Fairchild Semiconductor FDD6N50TMF085 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
FDD6N50 / FDU6N50 Rev. C1
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 μA
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
♦ Notes :
1. V
GS = 10 V
2. I
D = 3 A
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
Operation in This Area
is Limited by R
DS(on)
DC
10 ms
1 ms
100 us
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ JC(t) = 1 .4
/W M a x.
2 . D u ty F a cto r, D = t
1/t2
3 . T
JM - T C = P DM * Z θ JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1 , S q uar e W a v e P u ls e D u r a tion [ s ec ]
t1
PDM
t2


Similar Part No. - FDD6N50TMF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6N50TM FAIRCHILD-FDD6N50TM Datasheet
845Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDD6N50TM ISC-FDD6N50TM Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD6N50TM FAIRCHILD-FDD6N50TM_10 Datasheet
946Kb / 8P
   500V N-Channel MOSFET
FDD6N50TM_F085 FAIRCHILD-FDD6N50TM_F085 Datasheet
946Kb / 8P
   Improved dv/dt capability
More results

Similar Description - FDD6N50TMF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQB10N50CFTM FAIRCHILD-FQB10N50CFTM Datasheet
600Kb / 8P
   N-Channel QFETR FRFETR MOSFET500 V, 10 A, 610 m
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
   N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com