Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT120N04L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT120N04L-TQ2-R
Description  120A, 40V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT120N04L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT120N04L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT120N04L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT120N04L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT120N04
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-793.b
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT120N04L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT120N06 UTC-UTT120N06 Datasheet
133Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT120N06G-TA3-T UTC-UTT120N06G-TA3-T Datasheet
133Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UTT120N06L-TA3-T UTC-UTT120N06L-TA3-T Datasheet
133Kb / 3P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UTT120N04L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
logo
Unisonic Technologies
UT120N03 UTC-UT120N03 Datasheet
196Kb / 6P
   120A, 30V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
   N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
   N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
   N-channel 40V - 0.0035廓 - 120A - D2PAK - TO-220 planar STripFET??Power MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
   N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
   N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
logo
First Silicon Co., Ltd
S-LN7404DT3WG FS-S-LN7404DT3WG Datasheet
556Kb / 6P
   40V N Channel Power MOSFET
2017. 05. 10 Revision No : 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com