Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEETK1V101UP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEETK1V101UP
Description  Aluminum Electrolytic Capacitors/ TK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEETK1V101UP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEETK1V101UP Datasheet HTML 1Page - Panasonic Semiconductor EEETK1V101UP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ TK
– EEE-55 –
A±0.2
W
( ) Reference size
L
+
0.3 max.
Pressure Relief (
010 and larger)
Capacitance (μF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
Products Black Dot
(Square)
Features
● Endurance : 125 °C 3000 h
● Low ESR at –40 °C (50 % lower than TG series)
● Added ESR specification after the endurance test
● Vibration-proof product is available upon request.
● AEC-Q200 qualified
● RoHS directive compliant
Surface Mount Type
Series:
TK Type: V
Specifications
Category Temp. Range
–40 °C to +125 °C
Rated W.V. Range
10 V.DC to 35 V.DC
Nominal Cap. Range
47 μF to 470 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV After 2 minutes
tan d
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
10
16
25
35
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
3222
Z(–40 °C)/Z(+20 °C)
4333
Endurance
After the life test with DC rated woking voltage at +125 °C ±2 °C for 3000 hours, the capacitors shall meet the
limits specified below.
Capacitance change
±30 % of initially measured values (code U : ±35 %)
tan d
< 300 % of initially specified values (code U : ±350 %)
DC leakage current
< initially specified values
Shelf Life
After storage for 1000 hours at +125 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
ESR after the Life test
After the life test with DC rated working voltage at +125 °C±2 °C for 3000 hours, ESR value shall
meet the specified below.
After 1000 hours
20 °C
< 150 % of the initially measured specified value.
–40 °C
< 200 % of the initially measured specified value.
After 2000 hours
20 °C
< 300 % of the initially measured specified value.
–40 °C
< 400 % of the initially measured specified value.
After 3000 hours
20 °C
< 1000 % of the initially measured specified value.
–40 °C
< 1500 % of the initially measured specified value.
Dimensions in mm (not to scale)
Marking
Example:10 V 220 μF (polarized)
Marking color: BLACK
Size
code
D
L
A, B
H
I
W
P
K
F
8.0
10.2±0.3
8.3 10.0 max.
3.4
0.90±0.2
3.1
0.70±0.2
G
10.0
10.2±0.3
10.3 12.0 max.
3.5
0.90±0.2
4.6
0.70±0.2
Frequency (Hz)
120
1 k
10 k
100 k to
Correction factor
0.65
0.85
0.95
1.00
Frequency correction factor for ripple current
(Unit : mm)
A
10 V
C
16 V
E
25 V
V
35 V
Rated Voltage Mark
✽ This product qualify for AEC-Q200, but it has some deviations.
03 Mar. 2014


Similar Part No. - EEETK1V101UP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEETK1V101UP PANASONIC-EEETK1V101UP Datasheet
54Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEETK1V101UP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TK1V331AQ PANASONIC-EEE-TK1V331AQ Datasheet
65Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEE-TK1K331AM PANASONIC-EEE-TK1K331AM Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
EEETK1E101P PANASONIC-EEETK1E101P Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ TK
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com