Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTT50N06G-TN3-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTT50N06G-TN3-T
Description  50A, 60V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50N06G-TN3-T Datasheet(HTML) 8 Page - Unisonic Technologies

  UTT50N06G-TN3-T Datasheet HTML 1Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 2Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 3Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 4Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 5Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 6Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 7Page - Unisonic Technologies UTT50N06G-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UTT50N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-704.C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UTT50N06G-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50N06H UTC-UTT50N06H Datasheet
654Kb / 8P
   50A, 60V N-CHANNEL FAST SWITCHING MOSFET
UTT50N06HG-TA3-T UTC-UTT50N06HG-TA3-T Datasheet
654Kb / 8P
   50A, 60V N-CHANNEL FAST SWITCHING MOSFET
UTT50N06HG-TN3-R UTC-UTT50N06HG-TN3-R Datasheet
654Kb / 8P
   50A, 60V N-CHANNEL FAST SWITCHING MOSFET
UTT50N06HL-TA3-T UTC-UTT50N06HL-TA3-T Datasheet
654Kb / 8P
   50A, 60V N-CHANNEL FAST SWITCHING MOSFET
UTT50N06HL-TN3-R UTC-UTT50N06HL-TN3-R Datasheet
654Kb / 8P
   50A, 60V N-CHANNEL FAST SWITCHING MOSFET
More results

Similar Description - UTT50N06G-TN3-T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK50N06DD FS-FTK50N06DD Datasheet
261Kb / 2P
   N-Channel Power MOSFET (60V/50A)
logo
First Components Intern...
FM50N06 FCI-FM50N06 Datasheet
271Kb / 5P
   50A 60V N Channel Mosfet
logo
Tak Cheong Electronics ...
TFP50N06 TAK_CHEONG-TFP50N06 Datasheet
327Kb / 8P
   N-Channel Power MOSFET 50A, 60V, 0.023廓
logo
Thinki Semiconductor Co...
HX50N06 THINKISEMI-HX50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
IRFZ44N THINKISEMI-IRFZ44N Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
F50N06 WXDH-F50N06 Datasheet
808Kb / 10P
   50A 60V N-channel Enhancement Mode Power MOSFET
logo
Thinki Semiconductor Co...
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
CS50N06 THINKISEMI-CS50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
FKT50N06 THINKISEMI-FKT50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com