Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQE2335F Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ECQE2335F
Description  Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2335F Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ECQE2335F Datasheet HTML 7Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 8Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 9Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 10Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 11Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 12Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 13Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 14Page - Panasonic Semiconductor ECQE2335F Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.56
564
12.32
0.68
684
15.0
0.82
824
18.0
1.00
105
22.0
1.20
125
13.2
1.50
155
17.1
1.80
185
19.8
2.20
225
24.2
2.70
275
29.7
3.30
335
36.3
3.90
395
23.4
4.70
475
28.2
5.60
565
33.6
6.80
685
40.8
8.20
825
49.2
10.00
106
60.0
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Voltage Derating by Temperature
Permissible Current
Permissible Voltage
6
22
100VDC
11
0
20
40
60
80
100
120
-60 -40 -20
0
20
40
60
80 100 120
0.1
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 100VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
10uF
1.0uF
2.2uF
4.7uF
10uF
From 0.56uF to 10uF


Similar Part No. - ECQE2335F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE2335F PANASONIC-ECQE2335F Datasheet
345Kb / 19P
   Metallized polyester Film Capacitor
ECQE2335F PANASONIC-ECQE2335F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2335F PANASONIC-ECQE2335F Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQE2335F PANASONIC-ECQE2335F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE2335F PANASONIC-ECQE2335F Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE2335F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
Panasonic Battery Group
ECQP1H101JZW PANASONICBATTERY-ECQP1H101JZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor Non-inductive construction using Polypropylene film with epoxy resin coating
logo
jb Capacitors Company
JFC JBCAPACITORS-JFC Datasheet
251Kb / 1P
   Non-inductive, coated with epoxy resin or flame retardant epoxy power
logo
Suntan Capacitors
TS02A SUNTAN-TS02A_17 Datasheet
256Kb / 1P
   NON-INDUCTIVE, COATED WITH EPOXY RESIN OR FLAME RETARDANT EPOXY POWER
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
   Employs flame-retardant epoxy resin
03P4MG KERSEMI-03P4MG Datasheet
1Mb / 5P
   Employs flame-retardant epoxy resin
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
   Employs flame-retardant epoxy resin UL94V-0
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
   Flame Retardant Potting Epoxy
logo
DB Lectro Inc
MPP DBLECTRO-MPP Datasheet
153Kb / 2P
   Metallized Polyester Film Capacitor (Coating)
logo
Suntan Capacitors
TS03Q SUNTAN-TS03Q Datasheet
341Kb / 3P
   POLYESTER FILM CAPACITOR - EPOXY DIP COATED - NON-INDUCTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com