Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA2DM220 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECA2DM220
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA2DM220 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECA2DM220 Datasheet HTML 1Page - Panasonic Semiconductor ECA2DM220 Datasheet HTML 2Page - Panasonic Semiconductor ECA2DM220 Datasheet HTML 3Page - Panasonic Semiconductor ECA2DM220 Datasheet HTML 4Page - Panasonic Semiconductor ECA2DM220 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ M
– EEE-114 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan d
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(μF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
100
33
8
11.5
145
0.10
0.6
3.5
5.0
ECA2AM330( )
200
1000
47
8
11.5
180
0.10
0.6
3.5
5.0
ECA2AM470( )
200
1000
100
10
16
350
0.10
0.6
5.0
5.0
ECA2AM101( )
200
500
220
12.5
20
550
0.10
0.6
5.0
5.0
ECA2AM221( )
200
500
330
12.5
25
700
0.10
0.6
5.0
5.0
ECA2AM331( )
200
500
470
16
25
900
0.10
0.8
7.5
7.5
ECA2AM471( )
100
250
1000
18
35.5
1300
0.10
0.8
7.5
ECA2AM102
50
160
1
6.3
11.2
36
0.16
0.5
2.5
5.0
2.5
ECA2CM010( )
200
2000
2.2
6.3
11.2
53
0.16
0.5
2.5
5.0
2.5
ECA2CM2R2( )
200
2000
3.3
6.3
11.2
66
0.16
0.5
2.5
5.0
2.5
ECA2CM3R3( )
200
2000
4.7
6.3
11.2
78
0.16
0.5
2.5
5.0
2.5
ECA2CM4R7( )
200
2000
10
10
12.5
105
0.16
0.6
5.0
5.0
ECA2CM100( )
200
500
22
10
16
175
0.16
0.6
5.0
5.0
ECA2CM220( )
200
500
33
10
20
235
0.16
0.6
5.0
5.0
ECA2CM330( )
200
500
47
12.5
20
320
0.16
0.6
5.0
5.0
ECA2CM470( )
200
500
100
12.5
25
515
0.16
0.6
5.0
5.0
ECA2CM101( )
200
500
220
16
31.5
830
0.16
0.8
7.5
ECA2CM221
100
330
18
31.5
1090
0.16
0.8
7.5
ECA2CM331
50
470
18
40
1440
0.16
0.8
7.5
ECA2CM471
50
200
1
6.3
11.2
34
0.18
0.5
2.5
5.0
2.5
ECA2DM010( )
200
2000
2.2
6.3
11.2
50
0.18
0.5
2.5
5.0
2.5
ECA2DM2R2( )
200
2000
3.3
6.3
11.2
62
0.18
0.5
2.5
5.0
2.5
ECA2DM3R3( )
200
2000
4.7
8
11.5
86
0.18
0.6
3.5
5.0
ECA2DM4R7( )
200
1000
10
10
12.5
100
0.18
0.6
5.0
5.0
ECA2DM100( )
200
500
22
10
20
180
0.18
0.6
5.0
5.0
ECA2DM220( )
200
500
33
10
20
220
0.18
0.6
5.0
5.0
ECA2DM330( )
200
500
47
12.5
20
300
0.18
0.6
5.0
5.0
ECA2DM470( )
200
500
100
16
25
475
0.18
0.8
7.5
7.5
ECA2DM101( )
100
250
220
18
31.5
835
0.18
0.8
7.5
ECA2DM221
50
330
18
40
1140
0.18
0.8
7.5
ECA2DM331
50
250
1
6.3
11.2
34
0.18
0.5
2.5
5.0
2.5
ECA2EM010( )
200
2000
2.2
6.3
11.2
50
0.18
0.5
2.5
5.0
2.5
ECA2EM2R2( )
200
2000
3.3
8
11.5
72
0.18
0.6
3.5
5.0
ECA2EM3R3( )
200
1000
4.7
8
11.5
86
0.18
0.6
3.5
5.0
ECA2EM4R7( )
200
1000
10
10
16
110
0.18
0.6
5.0
5.0
ECA2EM100( )
200
500
22
10
20
180
0.18
0.6
5.0
5.0
ECA2EM220( )
200
500
33
12.5
20
250
0.18
0.6
5.0
5.0
ECA2EM330( )
200
500
47
12.5
25
330
0.18
0.6
5.0
5.0
ECA2EM470( )
200
500
100
16
31.5
530
0.18
0.8
7.5
ECA2EM101
100
220
18
40
930
0.18
0.8
7.5
ECA2EM221
50
350
1
6.3
11.2
32
0.20
0.5
2.5
5.0
2.5
ECA2VM010( )
200
2000
2.2
8
11.5
55
0.20
0.6
3.5
5.0
ECA2VM2R2( )
200
1000
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance : 85 °C 2000 h
01 Oct. 2013


Similar Part No. - ECA2DM220

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA2DM220 PANASONIC-ECA2DM220 Datasheet
308Kb / 5P
   Radial Lead Type
ECA2DM220 PANASONIC-ECA2DM220 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA2DM220 PANASONIC-ECA2DM220 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA2DM220 PANASONIC-ECA2DM220 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA2DM220 PANASONIC-ECA2DM220 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitor M
More results

Similar Description - ECA2DM220

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com