Electronic Components Datasheet Search |
|
ECQE2824MF Datasheet(PDF) 8 Page - Panasonic Semiconductor |
|
ECQE2824MF Datasheet(HTML) 8 Page - Panasonic Semiconductor |
8 / 9 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors IRating, Dimensions & Quantity/Ammo Box GRated voltage : 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K) GNoise suppression Capacitors (Across-the-line) H max. Straight Crimped lead Part No. 0.010 10.5 4.5 7.5 12.5 7.5 7.5 1.0 0.60 0.012 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.015 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.018 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.022 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.027 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.033 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.60 0.039 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.60 0.047 10.5 5.5 8.0 13.0 7.5 7.5 1.0 0.60 0.056 10.5 5.9 8.5 13.5 7.5 7.5 1.0 0.60 0.068 10.5 6.3 9.4 14.4 7.5 7.5 1.0 0.60 0.082 10.5 6.5 9.8 14.8 7.5 7.5 1.0 0.60 0.10 10.5 6.5 11.8 16.8 7.5 7.5 1.0 0.60 0.12 12.5 5.9 11.5 16.5 10.0 10.0 1.0 0.60 0.15 12.5 6.5 12.0 17.0 10.0 10.0 1.0 0.60 0.18 12.5 7.0 12.5 17.5 10.0 10.0 1.0 0.60 0.22 12.5 7.5 13.4 18.4 10.0 10.0 1.0 0.60 0.27 18.5 6.3 12.0 17.0 15.0 10.0 1.0 0.60 0.33 18.5 6.9 12.5 17.5 15.0 10.0 1.0 0.60 0.39 18.5 7.4 13.0 18.0 15.0 10.0 1.0 0.60 0.47 18.5 7.5 15.3 20.3 15.0 10.0 1.0 0.60 0.56 26.0 6.0 13.5 18.5 22.5 7.5 1.0 0.80 0.68 26.0 6.5 14.5 19.5 22.5 7.5 1.0 0.80 0.82 26.0 7.0 15.0 20.0 22.5 7.5 1.0 0.80 1.0 26.0 8.0 15.5 20.5 22.5 7.5 1.0 0.80 1.2 26.0 8.5 16.5 21.5 22.5 7.5 1.0 0.80 1.5 26.0 9.5 17.5 22.5 22.5 7.5 1.0 0.80 1.8 26.0 10.5 18.0 23.0 22.5 7.5 1.5 0.80 2.2 26.0 12.0 20.0 25.0 22.5 7.5 1.5 0.80 ECQE1A103 □F( ) ECQE1A123 □F( ) ECQE1A153 □F( ) ECQE1A183 □F( ) ECQE1A223 □F( ) ECQE1A273 □F( ) ECQE1A333 □F( ) ECQE1A393 □F( ) ECQE1A473 □F( ) ECQE1A563 □F( ) ECQE1A683 □F( ) ECQE1A823 □F( ) ECQE1A104 □F( ) ECQE1A124 □F( ) ECQE1A154 □F( ) ECQE1A184 □F( ) ECQE1A224 □F( ) ECQE1A274 □F( ) ECQE1A334 □F( ) ECQE1A394 □F( ) ECQE1A474 □F( ) ECQE1A564P( )( ) ECQE1A684P( )( ) ECQE1A824P( )( ) ECQE1A105P( )( ) ECQE1A125P( )( ) ECQE1A155P( )( ) ECQE1A185P( )( ) ECQE1A225P( )( ) Cap. (µF) Quantity 1000 − 1000 500 500 400 500 400 300 200 600 500 − 500 − Dimensions (mm) L max. T max. FS Straight Crimped lead φd G max. Straight Standard 5 mm Odd size 5 mm Odd size 7.5 mm Style N,style D:0.010 µF to 0.22 µF Style T,style B:0.27 µF to 0.47 µF Suffix for lead crimped or taped type. Cap. tol. code MF( ) Table 1 ❈Please consult us about Crimed lead type of 0.56 µF to 2.2 µF. Notice for AC rated AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''. As for clause 2 of ''Electrical Appliance and Material Safety Law'', please use ECQUL type or ECQUG type. When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition. 1. Capacitor shall be connected in parallel with varistor (Specified varistor voltage in table 1.) 2. Voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors. Cap. Rated Voltage 125 VAC Varistor voltage 250 V Pulse voltage 250 V0–P |
Similar Part No. - ECQE2824MF |
|
Similar Description - ECQE2824MF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |