Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECET1EA563FA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECET1EA563FA
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECET1EA563FA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECET1EA563FA Datasheet HTML 1Page - Panasonic Semiconductor ECET1EA563FA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Long Life - endurance rating of 3000 hours at 105°C
4 or 5 terminal mounting provides stability and keyed polarity
Extended higher CV ratings
Can vent construction
Part Number System
T-HA Standard Ratings
Cap.
Panasonic
Cap.
Panasonic
(µF)
120 Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
39000
35 x 40
5.10
5.87
0.022
0.020
ECET1CA393EA
27000
35 x 40
4.80
5.52
0.018
0.017
ECET1EA273EA
47000
40 x 40
5.50
6.33
0.020
0.018
ECET1CA473FA
33000
35 x 50
5.50
6.33
0.018
0.016
ECET1EA333EA
56000
35 x 50
6.00
6.90
0.019
0.017
ECET1CA563EA
40 x 40
5.50
6.33
0.018
0.016
ECET1EA333FA
68000
35 x 63
6.62
7.61
0.017
0.015
ECET1CA683EA
47000
35 x 63
6.56
7.54
0.017
0.015
ECET1EA473EA
40 x 50
7.29
8.38
0.015
0.014
ECET1CA683FA
40 x 50
6.47
7.44
0.015
0.014
ECET1EA473FA
82000
40 x 63
7.66
8.81
0.017
0.015
ECET1CA823FA
56000
35 x 80
7.25
8.34
0.015
0.013
ECET1EA563EA
100000
35 x 80
8.03
9.23
0.015
0.013
ECET1CA104EA
40 x 63
7.17
8.25
0.014
0.013
ECET1EA563FA
120000
35 x 105
8.71
10.02
0.014
0.012
ECET1CA124EA
82000
35 x 105
8.58
9.87
0.013
0.012
ECET1EA823EA
40 x 80
8.79
10.11
0.014
0.012
ECET1CA124FA
40 x 80
8.68
9.98
0.013
0.012
ECET1EA823FA
50 x 50
9.02
10.37
0.015
0.014
ECEP1CA124HA
50 x 50
9.20
10.58
0.016
0.015
ECEP1EA823HA
150000
40 x 105
9.88
11.36
0.013
0.012
ECET1CA154FA
100000
40 x 105
9.76
11.22
0.012
0.010
ECET1EA104FA
50 x 63
10.15
11.67
0.014
0.013
ECEP1CA154HA
50 x 63
10.02
11.52
0.015
0.013
ECEP1EA104HA
180000
50 x 80
11.02
12.67
0.013
0.012
ECEP1CA184HA
120000
50 x 80
10.93
12.57
0.013
0.012
ECEP1EA124HA
220000
50 x 92
11.71
13.47
0.012
0.011
ECEP1CA224HA
150000
50 x 92
11.70
13.46
0.012
0.011
ECEP1EA154HA
250000
50 x 105
12.31
14.16
0.011
0.010
ECEP1CA254HA
180000
50 x 105
12.42
14.28
0.010
0.009
ECEP1EA184HA
18000
35 x 40
4.30
4.95
0.028
0.021
ECET1VA183EA
10000
35 x 40
4.00
4.60
0.033
0.025
ECET1HA103EA
22000
35 x 50
5.00
5.75
0.023
0.017
ECET1VA223EA
15000
35 x 50
4.80
5.52
0.022
0.018
ECET1HA153EA
40 x 40
5.00
5.75
0.023
0.017
ECET1VA223FA
40 x 40
4.80
5.52
0.022
0.018
ECET1HA153FA
27000
35 x 63
5.53
6.36
0.025
0.018
ECET1VA273EA
18000
35 x 63
5.27
6.06
0.020
0.016
ECET1HA183EA
40 x 50
5.44
6.26
0.020
0.015
ECET1VA273FA
22000
40 x 50
5.15
5.92
0.016
0.013
ECET1HA223FA
33000
40 x 63
6.61
7.60
0.019
0.014
ECET1VA333FA
27000
35 x 80
6.16
7.08
0.015
0.012
ECET1HA273EA
39000
35 x 80
6.52
7.50
0.019
0.014
ECET1VA393EA
40 x 63
6.05
6.96
0.015
0.012
ECET1HA273FA
47000
35 x 105
8.07
9.28
0.017
0.013
ECET1VA473EA
33000
35 x 105
7.23
8.31
0.013
0.010
ECET1HA333EA
40 x 80
7.79
8.96
0.018
0.013
ECET1VA473FA
50 x 50
7.75
8.91
0.018
0.014
ECEP1HA333HA
50 x 50
8.25
9.49
0.021
0.016
ECEP1VA473HA
39000
40 x 80
7.55
8.68
0.014
0.011
ECET1HA393FA
56000
50 x 63
9.07
10.43
0.019
0.014
ECEP1VA563HA
50 x 63
8.40
9.66
0.016
0.013
ECEP1HA393HA
68000
40 x 105
9.27
10.66
0.016
0.012
ECET1VA683FA
47000
40 x 105
8.18
9.41
0.012
0.010
ECET1HA473FA
50 x 80
10.07
11.58
0.017
0.013
ECEP1VA683HA
50 x 80
9.19
10.57
0.014
0.011
ECEP1HA473HA
82000
50 x 92
10.89
12.52
0.015
0.011
ECEP1VA823HA
56000
50 x 92
9.79
11.26
0.012
0.009
ECEP1HA563HA
100000
50 x 105
11.75
13.51
0.013
0.010
ECEP1VA104HA
68000
50 x 105
10.42
11.98
0.011
0.009
ECEP1HA683HA
Size (mm)
D x L
35 VDC Working, 44 VDC Surge
Size (mm)
D x L
Max 105°C R.C. (Arms)
16 VDC Working, 20 VDC Surge
350 ~ 450 VDC
Max 105°C R.C. (Arms)
Max 20°C ESR (
Ω)
-25 ~ +105ºC
330 ~ 2700µF (±20% tolerance)
-40 ~ +105ºC
1000~ 250000µF (±20% tolerance)
25 VDC Working, 32 VDC Surge
Rated Working Voltage:
Operating Temperature:
Nominal Capacitance:
Endurance:
Leakage Current:
Ripple Current Multipliers:
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
T-HA Series
105°C, 3000 hours
3000 hours at +105ºC with maximum specified ripple current (see page 6)
16 ~ 250 VDC
50 VDC Working, 63 VDC Surge
Max 20°C ESR (
Ω)
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
E C E
A
A
Common Code /
Number of Terminals
Voltage
Code
Series Code
Capacitance
Code
Diameter
Code
4 terminal
(
φ 35 & 40mm dia.)
ECET
ECEP
5 terminal
(
φ 40 & 50mm dia.)
Frequency(Hz):
16~100WV:
50
160~450WV:
60
100~120
500
1k
10k~
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ambient Temperature Factor*
≤45°C
2.35
60°C
70°C
85°C
Ambient Temperature:
Multiplier:
1.0
2.0
2.2
1.05
105°C
1.7
A
Standard
B
Extended
Terminal Style
(see pg.40)
4.0mm length "short" terminal:
6.3mm length snap-in (standard):
Standard
4
E
4.0mm length straight pin with standoff:
X
5
Y
Ratings:
A
Extended
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - ECET1EA563FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECET1EA563FA PANASONIC-ECET1EA563FA Datasheet
412Kb / 2P
   Long Life - endurance rating of 3000 hours at 105째C Can vent construction
ECET1EA563FA PANASONIC-ECET1EA563FA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1EA563FA PANASONIC-ECET1EA563FA Datasheet
412Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
ECET1EA563FA PANASONIC-ECET1EA563FA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
ECET1EA563FA PANASONIC-ECET1EA563FA Datasheet
240Kb / 5P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECET1EA563FA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com