Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAA125 Datasheet(PDF) 1 Page - Clare, Inc.

Part # LAA125
Description  DUAL POLE OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA125 Datasheet(HTML) 1 Page - Clare, Inc.

  LAA125 Datasheet HTML 1Page - Clare, Inc. LAA125 Datasheet HTML 2Page - Clare, Inc. LAA125 Datasheet HTML 3Page - Clare, Inc. LAA125 Datasheet HTML 4Page - Clare, Inc. LAA125 Datasheet HTML 5Page - Clare, Inc. LAA125 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
LAA125
DS-LAA125-R4
LAA125 is a 350V, 170mA, 16
Ω 2-Form-A relay. It com-
bines enhanced peak load current capability with low on-
resistance. Current limiting version is available (“L” suffix,
see specification for variations in performance).
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified to:
BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
BS EN 41003:1993
Certificate #: 7344
Small 8 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
DUAL POLE OptoMOS® Relays
Ordering Information
Part #
Description
LAA125
8 Pin DIP (50/Tube)
LAA125P
8 Pin Flat Pack (50/Tube)
LAA125PTR
8 Pin Flat Pack (1,000/Reel)
LAA125S
8 Pin Surface Mount (50/Tube)
LAA125STR
8 Pin Surface Mount (1,000/Reel)
LAA125
Units
Load Voltage
350
V
Load Current
170
mA
Max R
ON
16
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Switching Characteristics of
Normally Open (Form A) Devices
1
2
3
4
8
7
6
5
+ Control - Switch #1
Ð Control - Switch #1
+ Control - Switch #2
Ð Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
LAA125 Pinout
Pinout Configuration


Similar Part No. - LAA125

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relays
logo
Clare, Inc.
LAA125L CLARE-LAA125L Datasheet
1Mb / 6P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
logo
Clare, Inc.
LAA125LS CLARE-LAA125LS Datasheet
1Mb / 6P
   Single Pole OptoMOS Relays
logo
IXYS Corporation
LAA125LS IXYS-LAA125LS Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results

Similar Description - LAA125

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
   Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com