Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT7430L-K08-3030-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT7430L-K08-3030-R
Description  30V, 34A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7430L-K08-3030-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT7430L-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 6Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UT7430
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-903.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
34
A
TC=100°C
21
A
Pulsed (Note 3)
IDM
80
A
Continuous Drain Current (Note 1)
TA=25°C
IDSM
13
A
TA=70°C
10.2
A
Avalanche Current (Note 3)
IAR
22
A
Repetitive Avalanche Energy
L=0.1mH (Note 3)
EAR
24
mJ
Power Dissipation (Note 2)
TC=25°C
PD
23
W
TC=100°C
9
W
Power Dissipation (Note 1)
TA=25°C
PDSM
3.1
W
TA=70°C
2
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 1)
θJA
60
75
°C/W
Junction to Case (Note 2)
θJC
4.5
5.4
°C/W
Notes: 1. The value of θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board
design, and the maximum temperature of 150°C may be used if the PCB allows it.
2. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is
more useful in setting the upper dissipation limit for cases where additional heat sinking is used.
3. Repetitive rating, pulse width limited by junction temperature TJ (MAX)=150°C.


Similar Part No. - UT7430L-K08-3030-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT7430G-K08-3030-R DOINGTER-UT7430G-K08-3030-R Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT7430L-K08-3030-R

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3400 AITSEMI-AM3400 Datasheet
486Kb / 7P
   MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com