Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT2035ZG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT2035ZG-AE3-R
Description  -3.6A, -20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2035ZG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT2035ZG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2035ZG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2035ZG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT2035ZG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT2035Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-937.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current
Continuous (Note 1)
Steady, TA=25°C
ID
-3.6
A
State, TA=70°C
-2.9
A
Pulsed (Note 2)
IDM
-24
A
Power Dissipation (Note 1)
PD
0.81
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. Device mounted on FR-4 PCB with 2oz. Copper and test pulse width t≤10s.
2. Repetitive rating, pulse width limited by junction temperature.
THERMAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
153.5
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS (Note 1)
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-20
V
Drain-Source Leakage Current
IDSS
VDS=-20V, VGS=0V
-1.0
µA
Gate-Source
Leakage Current
Forward
IGSS
VGS=+8V, VDS=0V
+10
µA
Reverse
VGS=-8V, VDS=0V
-10
µA
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-0.4 -0.7 -1.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4.0A
30
42
mΩ
VGS=-2.5V, ID=-4.0A
50
65
mΩ
VGS=-1.8V, ID=-2.0A
61
82
mΩ
Forward Transfer Admittance
|YFS|
VDS=-5V, ID=-4A
14
S
Diode Forward Voltage
VSD
VGS=0V, IS=-1A
-0.7 -1.0
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-10V, f=1.0MHz
1610
pF
Output Capacitance
COSS
157
pF
Reverse Transfer Capacitance
CRSS
145
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=-4.5V, VDS=-10V, ID=-4A
15.4
nC
Gate to Source Charge
QGS
2.5
nC
Gate to Drain Charge
QGD
3.3
nC
Gate Resistance
RG
VDS=0V, VGS=0V, f=1MHz
9.45
Turn-ON Delay Time
tD(ON)
VDS=-10V, VGS=-4.5V,ID=-1A,
RG=6.0Ω, RL=10Ω
16.8
ns
Rise Time
tR
12.4
ns
Turn-OFF Delay Time
tD(OFF)
94.1
ns
Fall-Time
tF
42.4
ns
Note: 1. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - UT2035ZG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2035ZG-AE3-R UTC-UT2035ZG-AE3-R Datasheet
189Kb / 3P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT2035ZG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WPMD2075 WILLSEMI-WPMD2075 Datasheet
662Kb / 6P
   Dual P-Channel, -20V, -3.6A, Power MOSFET
WPM2037 WILLSEMI-WPM2037 Datasheet
285Kb / 6P
   Single P-Channel, -20V, -3.6A , Power MOSFET
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com