Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN8N65FI Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTN8N65FI
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN8N65FI Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTN8N65FI Datasheet HTML 1Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 2Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 3Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 4Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 5Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 6Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 7Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 8Page - Cystech Electonics Corp. MTN8N65FI Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C727FI
Issued Date : 2012.09.26
Revised Date :
Page No. : 5/9
MTN8N65FI
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Reverse Voltage
10
100
1000
10000
0
5
10
15
20
25
30
Drain-to-Source Voltage-VDS(V)
Ciss
Coss
Crss
f=1MHz
Brekdown Voltage vs Ambient Temperature
650
700
750
800
-100
-50
0
50
100
150
200
Ambient Temperature-Tj(°C)
ID=250μA,
VGS=0V
Maximum Safe Operating Area
0.01
0.1
1
10
100
1
10
100
1000
Drain-Source Voltage -VDS(V)
Operation in this area is
limited by RDS(ON)
DC
10ms
100ms
1ms
100μs
10μ
Single pulse
Tc=25°C; Tj=150°C
Gate Charge Characteristics
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
Total Gate Charge---Qg(nC)
ID=7.5A
VDS=130
VDS=325V
VDS=520V
Maximum Drain Current vs Case Temperature
0
1
2
3
4
5
6
7
8
9
25
50
75
100
125
150
175
Case Temperature---TC(°C)


Similar Part No. - MTN8N65FI

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN8N65FP CYSTEKEC-MTN8N65FP Datasheet
343Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN8N65FI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com