Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206SFH150F24 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 1206SFH150F24
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFH150F24 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 1206SFH150F24 Datasheet HTML 3Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 4Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 5Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 6Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 7Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 8Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 9Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 10Page - Tyco Electronics 1206SFH150F24 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
81
11
Very Fast-acting chip fuses help provide overcurrent
protection on systems using DC power sources up to
32VDC. The fuse’s monolithic, multilayer design provides
the highest hold current in the smallest footprint,
reduces diffusion-related aging, improves product
reliability and resilience, and enhances high-temperature
performance in a wide range of circuit designs.
These RoHS-compliant surface-mount devices offer
strong arc suppression characteristics and facilitate the
development
of
more
reliable,
high
performance
consumer electronics such as laptops, multimedia
devices, cell phones, and other portable electronics.
• Very fast acting at 200% and 300% overloads
• Excellent inrush current withstanding capability at
high overloads
• Thin body for space limiting applications
• Glass ceramic monolithic structure
• Silver fusing element and silver termination with
nickel and tin plating
• RoHS compliant and lead-free materials
• Symmetrical design with marking on both sides
(optional)
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br 900ppm, Cl 900ppm, Br+Cl 1500ppm)
• Monolithic, multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
•Laptops
• Digital cameras
• Cell phones
Benefits
Features
Applications
• Printers
• DVD players
• Portable electronics
•Game systems
• LCD monitors
• Scanners
Surface-mount Fuses
0603 Very Fast-Acting Chip Fuses
NEW
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NEW
W
W
W
W
W
W
W
W
W
W
W
NEW
ng DC power sources up to
c, multilayer design provides
in the smallest footprint,
aging, improves product
d enhances high-temperature
ge of circuit designs.
urface-mount devices offer
racteristics and facilitate the
eliable,
high
performance
e
e
e
e
e
e
ch as laptops, multimediiiiiia
ther portableelectroni
n
nii
ni
n cs
c
c
c
c
c
c
c
c .
and 30
0
0
0
0
0
0
0
0
00%
%
%
%
% ov
o
o
o erload
d
a
a
ad
ad
d
d
d
ds
s
s
s
s
s
s
withs
s
s
stand
dingc
g
g
g ap
ap
pab
ab
b
bil
iiiii itya
y
y
y
y
y
y
y
y
y
y
y ttttttttttt
nga
a
a
a
a
app
p
p
plic
ca
c
c ttii
ttttt on
n
ns
s
s
s
s
s
s
s
stru
u
u
uctu
u
u
u
u
u
u
u
u
ure
e
e
e
e
e
e
e
e
silve
e
e
e
ertttttttte
er
e
e
e
e
e
e m
mi
m
m
m
m
m
m
m
m
m n
natio
o
on
o
o
o
o
o
o
o
o
with
-free
e
e
e
e
e
e
e matte
te
te
ttttttt rials
markin
iin
iin
n
ng
g
go
g
g
g
g
g
g
n both sides
•L
L
L
L
L
L
L
L
L
Le
ead free materials and RoHS
• Halogen free
(refers to: Br 900ppm, Cl 900
• Monolithic, multilayer design
•High-temperature performanc
• -55°C to +125°C operating tem
F
Feattu
ur
u
u
u
u
u
u
u es


Similar Part No. - 1206SFH150F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFH150F MACOM-1206SFH150F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFH150F/24 MACOM-1206SFH150F/24 Datasheet
123Kb / 3P
   Surface Mount Fuse High Current
More results

Similar Description - 1206SFH150F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com