Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN6N70FP Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTN6N70FP
Description  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN6N70FP Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTN6N70FP Datasheet HTML 1Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 2Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 3Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 4Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 5Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 6Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 7Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 8Page - Cystech Electonics Corp. MTN6N70FP Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C597FP
Issued Date : 2010.01.28
Revised Date :2011.10.24
Page No. : 4/ 10
MTN6N70FP
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
0
10203040
5060
Drain-Source Voltage -VDS(V)
VGS=4.5V
15V
10V
9V
7V
5V
5.5V
6V
Static Drain-Source On-resistance vs Ambient Temperature
0
0.5
1
1.5
2
2.5
3
3.5
-100
-50
0
50
100
150
200
Ambient Temperature-Ta(°C)
ID=3A,
VGS=10V
Static Drain-Source On-State resistance vs Drain Current
0.5
1
1.5
2
0.1
1
10
100
Drain Current-ID(A)
VGS=10V
Drain Current vs Gate-Source Voltage
0
2
4
6
8
10
0
5
10
15
20
Gate-Source Voltage-VGS(V)
Ta=25°C
VDS=10V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
02
46
8
10
12
Gate-Source Voltage-VGS(V)
ID=3A
Ta=25°C
Forward Drain Current vs Source-Drain Voltage
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Source Drain Voltage -VSD(V)
VGS=0V
Ta=25°C
Ta=150°C


Similar Part No. - MTN6N70FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN6N70FP-0-UB-S CYSTEKEC-MTN6N70FP-0-UB-S Datasheet
391Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTN6N70FP CYSTEKEC-MTN6N70FP_18 Datasheet
391Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN6N70FP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com