Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UOT406G-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UOT406G-AA3-R
Description  FOUR-QUADRANT TRIAC, ENHANCED NOISE IMMUNITY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UOT406G-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UOT406G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UOT406G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UOT406G-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UOT406
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R401-036.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UOT406G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UOT406G-AA3-R UTC-UOT406G-AA3-R Datasheet
121Kb / 3P
   ENHANCED NOISE IMMUNITY
More results

Similar Description - UOT406G-AA3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OT406 PHILIPS-OT406 Datasheet
77Kb / 13P
   Four-quadrant triac, enhanced noise immunity
Rev. 01-19 May 2008
logo
DONGGUAN YOU FENG WEI E...
BTA16 YFWDIODE-BTA16 Datasheet
640Kb / 4P
   16A Four-quadrant triac
BTA04F YFWDIODE-BTA04F Datasheet
688Kb / 4P
   4A four-quadrant triac
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
   ENHANCED NOISE IMMUNITY
logo
DONGGUAN YOU FENG WEI E...
BT134 YFWDIODE-BT134 Datasheet
619Kb / 4P
   4A Four-quadrant triac
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
   1A four-quadrant triac
BTA16A YFWDIODE-BTA16A Datasheet
1Mb / 5P
   16A four-quadrant triac
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
   1A four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
   6A Four-quadrant triac
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
   6A Four-quadrant triac
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com