Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTN5N60I3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTN5N60I3
Description  N-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN5N60I3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTN5N60I3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 8Page - Cystech Electonics Corp. MTN5N60I3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C408I3-A
Issued Date : 2010.03.09
Revised Date : 2012.11.20
Page No. : 2/11
MTN5N60I3
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
5*
A
Continuous Drain Current @TC=100
°C
ID
3*
A
Pulsed Drain Current @ VGS=10V
(Note 1)
IDM
20*
A
Single Pulse Avalanche Energy
(Note 2)
EAS
37.5
mJ
Avalanche Current
(Note 1)
IAR
5
A
Repetitive Avalanche Energy
(Note 1)
EAR
5
mJ
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
4.5
V/ns
Maximum Temperature for Soldering @ Lead at 0.125 in(0.318mm)
from case for 10 seconds
TL
300
°C
W
Total Power Dissipation (TC=25℃)
Linear Derating Factor
Pd
50
0.4
W/
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
*Drain current limited by maximum junction temperature
Note : 1
.Repetitive rating; pulse width limited by maximum junction temperature.
2
. IAS=5A, VDD=50V, L=3mH, VG=10V, starting TJ=+25℃.
3
. ISD≤5A, dI/dt≤100A/μs, VDD≤BVDSS, starting TJ=+25℃.
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
2.5
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
110
°C/W


Similar Part No. - MTN5N60I3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN5N60E3 CYSTEKEC-MTN5N60E3 Datasheet
327Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN5N60FP CYSTEKEC-MTN5N60FP Datasheet
331Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTN5N60J3 CYSTEKEC-MTN5N60J3 Datasheet
356Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN5N60I3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com