Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF9520SL-TF1-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF9520SL-TF1-T
Description  -6.8A, -100V P-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF9520SL-TF1-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UF9520SL-TF1-T Datasheet HTML 1Page - Unisonic Technologies UF9520SL-TF1-T Datasheet HTML 2Page - Unisonic Technologies UF9520SL-TF1-T Datasheet HTML 3Page - Unisonic Technologies UF9520SL-TF1-T Datasheet HTML 4Page - Unisonic Technologies UF9520SL-TF1-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UF9520S
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-892.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UF9520SL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF9530 UTC-UF9530 Datasheet
150Kb / 6P
   -14A, -100V P-CHANNEL POWER MOSFET
UF9530G-TA3-T UTC-UF9530G-TA3-T Datasheet
150Kb / 6P
   -14A, -100V P-CHANNEL POWER MOSFET
UF9530L-TA3-T UTC-UF9530L-TA3-T Datasheet
150Kb / 6P
   -14A, -100V P-CHANNEL POWER MOSFET
More results

Similar Description - UF9520SL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
   -100V P-Channel Power MOSFET
logo
International Rectifier
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF9520NS IRF-IRF9520NS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
logo
Fairchild Semiconductor
FDMA530PZ FAIRCHILD-FDMA530PZ Datasheet
286Kb / 6P
   Single P-Channel PowerTrench MOSFET -30V, -6.8A, 35mohm
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
   70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
   -40A, -100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
   -23A, -100V P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
   25A, 100V P-CHANNEL POWER MOSFET
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10 Datasheet
127Kb / 2P
   -50A, -100V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com