Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITC117P Datasheet(PDF) 1 Page - Clare, Inc.

Part # ITC117P
Description  Integrated Telecom Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

ITC117P Datasheet(HTML) 1 Page - Clare, Inc.

  ITC117P Datasheet HTML 1Page - Clare, Inc. ITC117P Datasheet HTML 2Page - Clare, Inc. ITC117P Datasheet HTML 3Page - Clare, Inc. ITC117P Datasheet HTML 4Page - Clare, Inc. ITC117P Datasheet HTML 5Page - Clare, Inc. ITC117P Datasheet HTML 6Page - Clare, Inc. ITC117P Datasheet HTML 7Page - Clare, Inc. ITC117P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.clare.com
ITC117P
DS-ITC117P-Rxx
The Integrated Telecom Circuit combines a 1-Form-A solid
state relay, bridge rectifier, Darlington transistor and opto-
coupler into one 16 pin SOIC package, consolidating
designs and reducing component count in telecom appli-
cations. The ITC117’s optocoupler provides for full wave
detection of ring signals.
Data/Fax Modem
Voice Mail Systems
Telephone Sets
Computer Telephony Integration
Set Top Box Modems
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-12
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #: 7969
BS EN 41003:1993
Certificate #: 7969
Small 16 Pin SOIC Package (PCMCIA Compatible)
Board Space and Cost Savings
2mW Hookswitch Drive Power (Logic Compatible)
No Moving Parts
3750V
RMS Input/Output Isolation
FCC Compatible Part 68
Full-Wave Bridge Rectifier
Darlington Transistor for Electronic Inductor “Dry”
Circuits
Full Wave Current Detector for Ring Signal or Loop
Current Detect
JEDEC Standard Pin Out
Applications
Features
Description
Approvals
Integrated Telecom Circuits
Ordering Information
Part #
Description
ITC117P
16 Pin SOIC (50/Tube)
ITC117P
16 Pin SOIC (1000/Reel)
ITC117P
Units
Relay Load Voltage
350
V
Relay Load Current
120
mA
Relay Max R
ON
15
Bridge Rectifier Reverse
Voltage
100
V
Darlington Collector Current
120
mA
Darlington Current Gain
10,000
-
Pin Configuration
ITC117P
PV
1
2
3
4
16
15
14
13
5
6
7
8
(N/C)
– LED - Form A Relay
– LED - Form A Relay
(N/C)
(N/C)
(N/C)
Collector - Phototransistor
Emitter - Phototransistor
Output Form A
Output Form A/Bridge Input –/+
Darlington Base
Darlington Emitter
Bridge Output +/Darlington Collector
Bridge Output –
LED - Phototransistor –/+
LED - Phototransistor +/–
12
11
10
9
**
**Denotes full-wave detection


Similar Part No. - ITC117P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
ITC117P IXYS-ITC117P Datasheet
134Kb / 8P
   Integrated Telecom Circuits
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
   Integrated Telecom Circuits
ITC117PLTR IXYS-ITC117PLTR Datasheet
134Kb / 8P
   Integrated Telecom Circuits
ITC117PTR IXYS-ITC117PTR Datasheet
134Kb / 8P
   Integrated Telecom Circuits
ITC117P IXYS-ITC117P_12 Datasheet
134Kb / 8P
   Integrated Telecom Circuits
More results

Similar Description - ITC117P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
ITC135P CLARE-ITC135P Datasheet
415Kb / 8P
   Integrated Telecom Circuits
IAD112N CLARE-IAD112N Datasheet
375Kb / 4P
   Integrated Telecom Circuits
logo
IXYS Corporation
IBB110P IXYS-IBB110P_12 Datasheet
123Kb / 7P
   Integrated Telecom Circuits
logo
Clare, Inc.
ITC137P CLARE-ITC137P Datasheet
450Kb / 8P
   Integrated Telecom Circuits
logo
IXYS Corporation
ITC137P IXYS-ITC137P_12 Datasheet
142Kb / 8P
   Integrated Telecom Circuits
logo
Clare, Inc.
IAA110P CLARE-IAA110P_1 Datasheet
215Kb / 5P
   Integrated Telecom Circuits
IAB110P CLARE-IAB110P Datasheet
405Kb / 7P
   Integrated Telecom Circuits
IAD110P CLARE-IAD110P Datasheet
399Kb / 6P
   Integrated Telecom Circuits
IBB110P CLARE-IBB110P Datasheet
383Kb / 6P
   Integrated Telecom Circuits
logo
IXYS Corporation
ITC117PL IXYS-ITC117PL Datasheet
134Kb / 8P
   Integrated Telecom Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com