Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603SFF100F32 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 0603SFF100F32
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFF100F32 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 0603SFF100F32 Datasheet HTML 5Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 6Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 7Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 8Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 9Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 10Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 11Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 12Page - Tyco Electronics 0603SFF100F32 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
83
11
Fast-acting chip fuses help provide overcurrent protection
on systems using DC power sources up to 63VDC.The
fuse’s monolithic, multilayer design provides the highest
hold current in the smallest footprint, reduces diffusion-
related aging, improves product reliability and resilience,
and enhances high-temperature performance in a wide
range of circuit designs.
These RoHS-compliant surface-mount devices offer
strong arc suppression characteristics and facilitate the
development
of
more
reliable,
high
performance
consumer electronics such as laptops, multimedia
devices, cell phones, and other portable electronics.
• Small size with high-current ratings
• Excellent temperature stability
• High reliability and resilience
• Strong arc suppression characteristics
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br 900ppm, Cl 900ppm, Br+Cl 1500ppm)
• Monolithic, multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
•Laptops
• Digital cameras
• Cell phones
Benefits
Features
Applications
• Printers
• DVD players
• Portable electronics
•Game systems
• LCD monitors
• Scanners
Surface-mount Fuses
Fast-Acting Chip Fuses
rovide overcurrent protection
ersources up to 63VDC. The
r design provides the highest
footprint, reduces diffusion-
duct reliability and resilience
e
e
e
ce
ce,
ature performance in aw
a
a
a
a
a
id
d
d
d
d
d
de
urface-mountt
nt
nt
n
n
devi
v
vi
v
vii
vi
viice
e
ce
ce
eso
so
so
so
s
s o
s o
s offf
ff er
e
e
racterist
stttics and fa
a
a
a
ac
ci
c
c
c liittta
ta
ttt tte th
ttt e
e
e
eliabllle
e
e,
e
e
e
h
h
hi
h
h
h
h
h g
g
gh
pe
e
e
e
errrf
r orma
ma
ma
ma
man
n
nc
n e
e
ch as
sl
s
s
s
s
ap
p
p
p
p
p
pto
o
ops,m
,m
m
m
m
m
m
,m
mul
u time
e
e
e
e
e
e
e
e
edia
a
a
a
ther portabl
b
b
bl
b
b
b
b ee
e
e
elle
lll c
ct
c
c
c ro
ro
rro
ro
onics
s
s
s
s....
nt ra
a
a
a
a
a
ating
g
g
g
gs
s
s
s
s
bility
• Lead free materials and RoHS
• Halogen free
(refers to: Br 900ppm Cl 900
Features
rface-mount Fuses
rface mount Fuses
rface-mount Fuses
rface mount Fuses
ft F
st-Acting Chip Fuses
st Acting Chip Fuses
st-Acting Chip Fuses
st Acting Chip Fuses
t A ti
Chi
F
gp


Similar Part No. - 0603SFF100F32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFF100F MACOM-0603SFF100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
0603SFF100F/32 MACOM-0603SFF100F/32 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
More results

Similar Description - 0603SFF100F32

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com