Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF640VG-T3P-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF640VG-T3P-T
Description  18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640VG-T3P-T Datasheet(HTML) 4 Page - Unisonic Technologies

  UF640VG-T3P-T Datasheet HTML 1Page - Unisonic Technologies UF640VG-T3P-T Datasheet HTML 2Page - Unisonic Technologies UF640VG-T3P-T Datasheet HTML 3Page - Unisonic Technologies UF640VG-T3P-T Datasheet HTML 4Page - Unisonic Technologies UF640VG-T3P-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UF640V
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-916, A
TEST CIRCUIT
Fig.3 Switching Time Test Circuit
tD(OFF) tF
90%
50%
50%
VGS
0
0
VDS
tD(ON)
90%
tR
10%
10%
Fig.4 Resistive Switching Waveforms
D.U.T.
RG
VGS
RL
VDD
tON
PULSE WIDTH
tOFF


Similar Part No. - UF640VG-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640 UTC-UF640 Datasheet
140Kb / 5P
   18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
UF640 UTC-UF640 Datasheet
242Kb / 5P
   18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
UF640-P UTC-UF640-P Datasheet
220Kb / 5P
   N-CHANNEL POWER MOSFET
UF640-TA3-T UTC-UF640-TA3-T Datasheet
140Kb / 5P
   18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
UF640-TF3-T UTC-UF640-TF3-T Datasheet
140Kb / 5P
   18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
More results

Similar Description - UF640VG-T3P-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
   18A,200V Heatsink N-Channel Type Power MOSFET
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
logo
Fairchild Semiconductor
IRFS240A FAIRCHILD-IRFS240A Datasheet
261Kb / 7P
   Advanced Power MOSFET (200V, 0.18ohm, 12.8A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com