Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402SFF150F24 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 0402SFF150F24
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0402SFF150F24 Datasheet(HTML) 3 Page - Tyco Electronics

  0402SFF150F24 Datasheet HTML 1Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 2Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 3Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 4Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 5Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 6Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 7Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 8Page - Tyco Electronics 0402SFF150F24 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
77
11
Pulse Tolerant chip fuses has high inrush current
withstand capability and provide overcurrent protection
on DC power systems. Silver fusing element, monolithic
and multilayer design provides strong arc suppression
characteristics.
These RoHS-compliant surface-mount devices facilitate
the development of more reliable, high performance
consumer electronics such as laptops, multimedia
devices, cell phones, and other portable electronics.
• High inrush current withstanding capability
• Ceramic Monolithic structure
• Silver fusing element and silver termination with
nickel and tin plating
• Excellent temperature stability
• Strong arc suppression characteristics
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br 900ppm, Cl 900ppm, Br+Cl 1500ppm)
• Monolithic, multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
•Laptops
• Digital cameras
• Cell phones
Benefits
Features
Applications
• Printers
• DVD players
• Portable electronics
•Game systems
• LCD monitors
• Scanners
Surface-mount Fuses
Pulse Tolerant Chip Fuses
NEW
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NE
NEW
W
W
W
W
W
W
W
W
W
W
W
NEW
s has high inrush current
ovide overcurrent protection
er fusing element, monolithic
vides strong arc suppression
ace-mount devices facilitate
e
e
e
e
reliable, high performanc
ce
c
c
c
c
c
chaslaptops, multiii
ti
ttt me
m
m
m
m
m d
d
di
d
d
d
d a
ther portable electro
o
o
o
o
onics
s
s
s
s.
tand
d
d
ding
g
g
g
g
g c
ca
c
c
c
c pa
pability
y
y
y
y
y
y
ure
silve
e
e
e
e
erterm
mi
m
m
m
m na
n
na
a
na
n
n tion with
bility
• Lead free materials and RoHS
• Halogen free
(refers to: Br 900ppm, Cl 900
• Monolithic, multilayer design
•High-temperature performanc
Features
se Tolerant Chip Fuses
se Tolerant Chip Fuses
se Tolerant Chip Fuses
se Tolerant Chip Fuses
Tl
t Chi
F
p


Similar Part No. - 0402SFF150F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF150F MACOM-0402SFF150F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
0402SFF150F/24 MACOM-0402SFF150F/24 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
More results

Similar Description - 0402SFF150F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com