Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402SFF075F24 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 0402SFF075F24
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0402SFF075F24 Datasheet(HTML) 4 Page - Tyco Electronics

  0402SFF075F24 Datasheet HTML 1Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 2Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 3Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 4Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 5Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 6Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 7Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 8Page - Tyco Electronics 0402SFF075F24 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
78
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200%
1 seconds (min.)
60 seconds (max.)
1000%
0.0002 second (min.)
0.02 seconds (max.)
0603SFP100F/32-2
1.0
0.210
0.080
32
50
0603SFP150F/32-2
1.5
0.101
0.11
32
50
0603SFP200F/32-2
2.0
0.057
0.24
32
50
0603SFP250F/32-2
2.5
0.042
0.56
32
50
0603SFP300F/32-2
3.0
0.030
0.72
32
50
0603SFP350F/32-2
3.5
0.022
1.10
32
50
0603SFP400F/32-2
4.0
0.018
2.08
32
50
0603SFP450F/32-2
4.5
0.014
2.63
32
50
0603SFP500F/32-2
5.0
0.013
3.25
32
50
1206SFP100F/63-2
1.0
0.340
0.11
63
50
1206SFP150F/63-2
1.5
0.150
0.33
63
50
1206SFP200F/63-2
2.0
0.090
0.80
63
50
1206SFP250F/32-2
2.5
0.070
1.19
32
50
1206SFP300F/32-2
3.0
0.035
1.35
32
50
1206SFP350F/32-2
3.5
0.029
1.84
32
50
1206SFP400F/32-2
4.0
0.023
2.74
32
50
1206SFP450F/32-2
4.5
0.021
3.20
32
50
1206SFP500F/32-2
5.0
0.017
5.50
32
50
* Measured at
10% of rated current and 25°C ambient temperature.
† Melting I2t at 0.001 sec clear time.
0603 (1608 mm) Pulse Tolerant Chip Fuses
1206 (3216 mm) Pulse Tolerant Chip Fuses
A
B
C
D
Shape and Dimensions
mm (Inch)
Table FP1 Clear Time Characteristics for Pulse Tolerant Chip Fuses
Table FP2 Typical Electrical Characteristics and Dimensions for Pulse Tolerant Chip Fuses
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical
Electrical Characteristics
Max.
Interrupt Ratings
Part Number
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Voltage
(VDC)
Current
(A)
Nominal
I2t
(A2sec)
Typical
Electrical Characteristics
Max.
Interrupt Ratings
AB
CD
Min
Max
Min
Max
Min
Max
Min
Max
mm
1.45
1.75
0.65
0.95
0.21
0.51
0.65
0.95
in
(0.057) (0.069)
(0.026) (0.037)
(0.008) (0.020)
(0.026) (0.037)
AB
CD
Min
Max
Min
Max
Min
Max
Min
Max
mm
3.00
3.40
0.77
1.17
0.26
0.76
1.40
1.80
in
(0.118) (0.134)
(0.030) (0.046)
(0.010) (0.030)
(0.055) (0.071)
A
B
C
D
Shape and Dimensions
mm (Inch)
Clear time at 25°C
4 hours (min.)
1 seconds (min.)
60 seconds (max
max
a
a
ma
m
.)
0.0002 second (min.)
0.02 seconds
ds (
s
ds
s max
a
ax.)
060
06
60
0
0
03SF
3S
3SF
S
3
P100F/3
32-21.
2
2
0
0.210
0603SF
S
SFP150F/
F///3
32-
3 2
1.5
0.101
0603SF
S
SFP20
0
0
20
20
2 0F/32-2
2.0
0.057
0603S
S
SF
S
S
3S P250F/32-2
2.5
0.042
06
6
060
06
0
0
3SFP300F/32-2
3.0
0.030
0603SFP350F/32-2
3.5
0.022
0603SFP400F/32-2
4.0
0.018
0603SFP450F/32-2
4.5
0.014
0603SFP500F/32-2
5.0
0.013
e Tolerant ChipFuses
s
s
s
s
e Toler
e
e
e
e
e anttC
ttttt
hi
h
h
h
h
h p Fuses
D
e Characteristics for Pulse Tolerant Chip Fuses
ectrical Characteristics an
ndD
d
d
d
d
d
iime
ension
nsforr P
Puls
s
seT
T
T
T
Toleran
P
PartNu
umbe
mb r
Rattted
d
d
d
d
Curren
rrre
rr
t
(A)
Nomin
ColdDC
(
Ω)*
T
T
Typica
Ellectrica
allCh
ll
ara
Typica
Electrical Chara
B
C
D
Ma
ax
a
a
a
a
Min
iin
n
Max
x
x
x
Min
Min
Min
n
M
M
Max
0.9
95
9
0.2
2
210.
1
0.51
0
51
0
0
0
0
0.65
5
5
5
5
5
0.95
5
5
5
5
5
5
(0.03
37)
((0
0.
(0
(0 008
08
0
0
0 )((0.0
02
0
0
0
0 0)
(
0)
0.02
2
26)
2
2
2
(0.
0 037)
A
B
C
C
D


Similar Part No. - 0402SFF075F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF075F MACOM-0402SFF075F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
0402SFF075F/24 MACOM-0402SFF075F/24 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
More results

Similar Description - 0402SFF075F24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0603SFP100F MACOM-0603SFP100F Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com