Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF624 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF624
Description  4.4 A, 250 V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF624 Datasheet(HTML) 1 Page - Unisonic Technologies

  UF624 Datasheet HTML 1Page - Unisonic Technologies UF624 Datasheet HTML 2Page - Unisonic Technologies UF624 Datasheet HTML 3Page - Unisonic Technologies UF624 Datasheet HTML 4Page - Unisonic Technologies UF624 Datasheet HTML 5Page - Unisonic Technologies UF624 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF624
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-855.a
4.4 A, 250 V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF624 is an N-Channel enhancement MOSFET, it uses
UTC’s advanced technology to provide customers with a minimum
on-state resistance, high switching speed and low gate charge.
The UTC UF624 is suitable for all commercial-industrial
applications.
FEATURES
* RDS(ON)=1.1Ω @VGS=10V,ID=2.6A
* Low gate charge ( Max=14nC)
* Low CRSS ( Typ=15pF)
* High switching speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF624L-TN3-T
UF624G-TN3-T
TO-252
G
D
S
Tube
UF624L-TN3-R
UF624G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UF624

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZG-TN3-R UTC-UF624ZG-TN3-R Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZG-TN3-T UTC-UF624ZG-TN3-T Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZL-TN3-R UTC-UF624ZL-TN3-R Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZL-TN3-T UTC-UF624ZL-TN3-T Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
More results

Similar Description - UF624

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
logo
STMicroelectronics
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
logo
ON Semiconductor
NTBLS4D0N15MC ONSEMI-NTBLS4D0N15MC Datasheet
300Kb / 8P
   MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A
April, 2020 ??Rev. 3
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
logo
ON Semiconductor
NVMJS1D6N06CL ONSEMI-NVMJS1D6N06CL Datasheet
364Kb / 7P
   MOSFET ??Power, Single N-Channel 60 V, 1.36 m, 250 A
July, 2019 ??Rev. 1
logo
Kersemi Electronic Co.,...
KSMD4N25 KERSEMI-KSMD4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
KSMU4N25 KERSEMI-KSMU4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com