Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB20G-6-CW-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BTB20G-6-CW-TA3-T
Description  20A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB20G-6-CW-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  BTB20G-6-CW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB20G-6-CW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB20G-6-CW-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BTB20
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-045.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current (Full Sine Wave)
TC=70°C
IT(RMS)
20
A
Non Repetitive Surge Peak
On-State Current
(Full Cycle, TJ initial=25°C)
F=50 Hz
t=10ms
ITSM
210
A
F=60 Hz
t=8.3ms
200
A
I
2t Value for Fusing
tP=10ms
I
2t
200
A
2s
Critical Rate of Rise of
On-State Current
IG=500mA, dIG/dt =1A/µs
Repetitive, F=50 Hz
TJ=125°C
dI/dt
50
A/µs
Non Repetitive
100
A/µs
Non Repetitive Surge Peak
Off-State Voltage
tP=10ms
TJ=25°C
VDSM/VRSM
VDSM/VRSM+100
V
Peak Gate Current
tP=20µs
TJ=125°C
IGM
4
A
Peak Positive Gate Voltage tP=20µs
VGM
16
V
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+125
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
1.3
°C/W
Junction to Case (DC)
1.7
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
BW
CW
UNIT
MIN TYP MAX MIN TYP MAX
Gate Trigger Current (Note 1)
IGT
VD=12V, RL=33Ω
ALL
2
50
1
35
mA
Gate Trigger Voltage
VGT
ALL
1.5
1.5
V
Gate Non-Trigger Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=125°C
ALL
0.2
0.2
V
Holding Current (Note 2)
IH
IT=500mA, Gate Open
75
50
mA
Latching Current
IL
IG=1.2IGT
I-III
50
mA
II
90
mA
I-II-III
80
mA
Critical Rate of Rise of
Off-State Voltage (Note 2)
dV/dt
VD=67%VDRM, Gate Open,
TJ=125°C
500
750
250
500
V/µs
Critical Rate of Rise of
Off-State Voltage at
Commutation (Note 2)
(dV/dt)c
(dI/dt)c=20A/ms,
TJ=125°C
18
36
11
22
V/µs
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Peak On-State Voltage
(Note 2)
VTM
ITM=28A, tp=380μs
TJ=25°C
1.70
V
Repetitive Peak Off-State
Current
IDRM
VDRM=VRRM
TJ=25°C
10
μA
IRRM
TJ=125°C
3
mA
Notes: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


Similar Part No. - BTB20G-6-CW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BTB20 CDIL-BTB20 Datasheet
74Kb / 2P
   Triac Series
logo
Foshan Blue Rocket Elec...
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
logo
STMicroelectronics
BTB20-600BW STMICROELECTRONICS-BTB20-600BW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB20-600BW HAOPIN-BTB20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
More results

Similar Description - BTB20G-6-CW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
   20A TRIACS
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com