Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB16AG-6-SW-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTB16AG-6-SW-TA3-T
Description  16A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB16AG-6-SW-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  BTB16AG-6-SW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB16AG-6-SW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB16AG-6-SW-TA3-T Datasheet HTML 3Page - Unisonic Technologies BTB16AG-6-SW-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB16A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-058.a
16A TRIACS
DESCRIPTION
The UTC BTB16A is a 16A triacs which can be operated in 3
quadrants only, it uses UTC’s advanced technology to provide
customers with high commutation performances and voltage insulated
tab, etc.
The UTC BTB16A is suitable for inductive load switching
operations, also can be used in ON/OFF function applications such as
induction motor starting circuits, heating regulation, static relays etc.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB16AL-x-xx-TA3-T
BTB16AG-x-xx-TA3-T
TO-220
MT1
MT2
G
Tube
BTB16AL-x-xx-TA3-T
(1)Packing Type
(2)Package Type
(3)Sensitivity and type
(4)Voltage
(5)Lead Free
(1) T: Tube
(2) TA3: TO-220
(3) refer to SENSITIVITY AND TYPE
(4) 6: 600V, 8: 800V
(5) L: Lead Free, G: Halogen Free
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
BW
50mA
SNUBBERLESS
CW
35mA
SNUBBERLESS
SW
10mA
LOGIC LEVEL
: Available
MARKING INFORMATION
PACKAGE
MARKING
TO-220


Similar Part No. - BTB16AG-6-SW-TA3-T

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BTB16A YFWDIODE-BTB16A Datasheet
1Mb / 5P
   16A four-quadrant triac
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
More results

Similar Description - BTB16AG-6-SW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
   16A TRIACs
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com