Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTM64360B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DTM64360B
Description  2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTM64360B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DTM64360B Datasheet HTML 4Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 5Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 6Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 7Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 8Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 9Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 10Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 11Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DTM64360B
2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
Document 06943, Revision A, 3-Oct-11 Dataram Corporation
2011
Page 8
SERIAL PRESENCE DETECT MATRIX
Byte#
Function.
Value
Hex
Number of Bytes Used / Number of Bytes in SPD Device / CRC Coverage.
Bit 3 ~ Bit 0. SPD Bytes Used -
176
Bit 6 ~ Bit 4. SPD Bytes Total -
256
0
Bit 7. CRC Coverage -
Bytes 0-116
0x92
1
SPD Revision.
Rev. 1.1
0x11
2
Key Byte / DRAM Device Type.
DDR3 SDRAM
0x0B
Key Byte / Module Type.
Bit 3 ~ Bit 0. Module Type -
RDIMM
3
Bit 7 ~ Bit 4. Reserved -
0
0x01
SDRAM Density and Banks.
Bit 3 ~ Bit 0. Total SDRAM capacity, in megabits -
2Gb
Bit 6 ~ Bit 4. Bank Address Bits -
8 banks
4
Bit 7. Reserved -
0
0x03
SDRAM Addressing.
Bit 2 ~ Bit 0. Column Address Bits -
10
Bit 5 ~ Bit 3. Row Address Bits -
15
5
Bit 7, 6. Reserved
0
0x19
6
Reserved.
0x00
Module Organization.
Bit 2 ~ Bit 0. SDRAM Device Width -
8-Bits
Bit 5 ~ Bit 3. Number of Ranks -
1-Rank
7
Bit 7, 6. Reserved
0
0x01
Module Memory Bus Width.
Bit 2 ~ Bit 0. Primary bus width, in bits -
64-Bits
Bit 4, Bit 3. Bus width extension, in bits -
8-Bits
8
Bit 7 ~ Bit 5. Reserved -
0
0x0B
Fine Timebase (FTB) Dividend / Divisor.
Bit 3 ~ Bit 0. Fine Timebase (FTB) Divisor
2
9
Bit 7 ~ Bit 4. Fine Timebase (FTB) Dividend
5
0x52
10
Medium Timebase (MTB) Dividend.
1 (MTB =
0.125ns)
0x01
11
Medium Timebase (MTB) Divisor.
8 (MTB =
0.125ns)
0x08
12
SDRAM Minimum Cycle Time (tCKmin).
1.5ns
0x0C
13
Reserved.
UNUSED
0x00
CAS Latencies Supported, Least Significant Byte.
Bit 0. CL = 4 -
14
Bit 1. CL = 5 -
0x3C


Similar Part No. - DTM64360B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTM6-N SANYO-DTM6-N Datasheet
103Kb / 3P
   6A Bidirectional Thyristor?
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
DTM65PW050C TDK-DTM65PW050C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
DTM65PW050C8 TDK-DTM65PW050C8 Datasheet
196Kb / 2P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DTM64360B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DRAM-DDR-RDIMM ETC2-DRAM-DDR-RDIMM Datasheet
97Kb / 3P
   DDR3 240-Pin Registered-ECC DIMMs
logo
Elpida Memory
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
EBJ20RE4BAFA ELPIDA-EBJ20RE4BAFA Datasheet
229Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
logo
List of Unclassifed Man...
DRAM-DDR3-SODIMM ETC2-DRAM-DDR3-SODIMM Datasheet
104Kb / 2P
   DDR3 - 204-Pin SODIMM - Registered ECC
logo
Hynix Semiconductor
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
   DDR3 SDRAM Registered DIMM Based on 2Gb C-die
logo
List of Unclassifed Man...
DRAM-DDR3-UDIMM ETC2-DRAM-DDR3-UDIMM Datasheet
97Kb / 2P
   DDR3 240-Pin Unbuffered-ECC DIMMs
logo
Elpida Memory
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
   2GB Registered SDRAM DIMM
logo
Hynix Semiconductor
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
   DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
logo
List of Unclassifed Man...
SEU02G72D4BH2MT-30R ETC2-SEU02G72D4BH2MT-30R Datasheet
664Kb / 16P
   2GB ECC DDR2 ??SDRAM DIMM
HX321C11SR-4 ETC2-HX321C11SR-4 Datasheet
596Kb / 2P
   DDR3-2133 CL11 240-Pin DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com