Electronic Components Datasheet Search |
|
BTB12A Datasheet(PDF) 2 Page - Unisonic Technologies |
|
BTB12A Datasheet(HTML) 2 Page - Unisonic Technologies |
2 / 4 page BTB12A Preliminary TRIAC UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R401-056.b ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT RMS On-State Current (Full Sine Wave) TC=90°C IT(RMS) 12 A Non Repetitive Surge Peak On-State Current (Full Cycle, TJ initial=25°C) F=50 Hz t=20ms ITSM 120 A F=60 Hz t=16.7ms 126 A I 2t Value for Fusing tP=10ms I 2t 78 A 2s Critical Rate of Rise of On-State Current IG=2xIGT, tr≤100ns F=120 Hz TJ=125°C dI/dt 50 A/µs Non Repetitive Surge Peak Off-State Voltage tP=10ms TJ=25°C VDSM/VRSM VDRM/VRRM+100 V Peak Gate Current tP=20µs TJ=125°C IGM 4 A Average Gate Power Dissipation TJ=125°C PG(AV) 1 W Operating Junction Temperature TJ -40~+125 °C Storage Junction Temperature TSTG -40~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL RESISTANCES PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 60 °C/W Junction to Case (AC) θJC 1.4 °C/W ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified) FOR SNUBBERLESS TYPE and LOGIC LEVEL TYPE (3 QUADRANTS PARAMETER SYMBOL TEST CONDITIONS TW SW CW BW UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX Gate Trigger Current (Note 1) IGT VD=12V, RL=30Ω I-II-III 5 10 35 50 mA Gate Trigger Voltage VGT I-II-III 1.3 1.3 1.3 1.3 V Gate Non-Trigger Voltage VGD VD=VDRM, RL=3.3kΩ, TJ=125°C I-II-III 0.2 0.2 0.2 0.2 V Holding Current (Note 2) IH IT=100mA 10 15 35 50 mA Latching Current IL IG=1.2IGT I-III 10 25 50 70 mA II 15 30 60 80 mA Critical Rate of Rise of Off-State Voltage (Note 2) dV/dt VD=67%VDRM, Gate Open, TJ=125°C 20 40 500 1000 V/μs Critical Rate of Rise of Off-State Voltage at Commutation (Note 2) (dI/dt)c (dV/dt)c=0.1V/µs, TJ=125°C 3.5 6.5 A/ms (dV/dt)c=10V/µs, TJ=125°C 1 2.9 Without Snubber TJ=125°C 6.5 12 Note: 1. Minimum IGT is guaranteed at 5% of IGT max. 2. For both polarities of MT2 referenced to MT1. |
Similar Part No. - BTB12A |
|
Similar Description - BTB12A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |