Electronic Components Datasheet Search |
|
DF11-24DP-2DS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
DF11-24DP-2DS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 14 page 105 DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard) sMaterial DF11 - * DS - 2C qe wr t q Series Name : DF11 w Number of Contacts : 4 to 32 e Connector Type DS : Double Row socket DP : Double Row pin header DEP : Double Row in-line plug r Contact Pitch : 2mm t Connection Form/Contact Style C : Crimping socket R26 : Insulation Displacemented socket for AWG26 DSA: Straight through hole DS : Right angle through hole V : Straight SMT A : Adaptor Product Type Part MateriaI Finish Remarks Crimping Socket Insulator Polyamide Black UL94V-0 Crimping Contact for Socket Contact Phosphor copper Tin plated or gold plated ––––––– ID Socket Insulator Polyamide Black UL94V-0 Contact Phosphor copper Tin plated ––––––– Receptacle Insulator Polyamide Black UL94V-0 Contact Phosphor copper Tin plated or gold plated ––––––– Pin Header Insulator Polyamide Black UL94V-0 Contact Brass Tin plated or gold plated ––––––– Insulator Polyamide Beige UL94V-0 SMT Header Contact Brass Tin plated or gold plated ––––––– Metal fittings Brass Tin plated ––––––– In-line Plug Insulator Polyamide Black UL94V-0 In-line Plug Crimping Contact Contact Phosphor copper Tin plated or gold plated ––––––– In-line Adaptor Insulator Polyamide Black UL94V-0 Contact Brass Tin plated ––––––– sOrdering Information qConnector DF11 - EP2428PCFA qr e w q Contact Type Blank : For socket EP : For in-line plug w Applicable Wire Size 22 : AWG22 2428 : AWG24 to 28 30 : AWG30 e Contact Type/Packaging Type SCF : Socket contact, Embossed tape SC : Socket contact, Bag PCF : Plug contact, Embossed tape PC : Plug contact, Bag r Plating Type Blank : Tin plated A : Gold plated qContact The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - DF11-24DP-2DS |
|
Similar Description - DF11-24DP-2DS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |