Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500PTCO Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 500PTCO
Description  Phase Control Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

500PTCO Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  500PTCO Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 500PTCO Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 500PTCO Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 500PTCO Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 500PTCO Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 500PTCO Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
500PT Series
Fig.7 Maximum non-repetitive surge current
single and double side cooled
Fig.8 Maximum non-repetitive surge current
single and double side cooled
Fig.9 On-state voltage drop characteristcs
Instantaneous on-state voltage (V)
Number of equal amplitude half cycle
current pulses (N)
Fig.11 Gate characteristics
Instantaneous gate current (A)
Pulse train duration (S)
Fig.11 Thermal lmpedance Z
characteristics
thJ-hs
Square wave pulse duration (s)
7500
7000
6500
6000
5500
5000
4500
4000
3500
3000
1
10
100
7500
7000
6500
6000
5500
5000
4500
4000
3500
3000
8000
0.01
0.1
1
10000
1000
100
0
1
2
3
4
5
6
7
8
9
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
initial T = 125°C
J
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained
Initial T = 125°C, @50Hz
J
No Voltage Reapplied
Rated V
Reapplied
RRM
T = 125°C
J
T = 25°C
J
Steady state value
R
= 0.11K/W
thJ-hs
(Single side cooled)
R
= 0.05K/W
thJ-hs
(Double side cooled)
(DC operation)
(Single side cooled)
(Double side cooled)
Rectangular gate pulse
a) Recommended load line for
rated di/dt : 20V, 10 ohms; tr<=1µs
b) Recommended load line for
<=30% rated di/dt : 10V, 10 ohms
tr<=1 µs
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
(b)
(a)
(1)
(2)
(3) (4)
Frequency Limited by PG(AV)
VGD
IGD
Page 5 of 6
www.nellsemi.com
100
10
1
0.1
0.001
0.01
0.1
1
10
100


Similar Part No. - 500PTCO

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
500PT NELLSEMI-500PT Datasheet
469Kb / 1P
   PHASE CONTRAL THYRISTORS
More results

Similar Description - 500PTCO

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com