Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5B-1515 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D5B-1515
Description  Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D5B-1515 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D5B-1515 Datasheet HTML 1Page - Omron Electronics LLC D5B-1515 Datasheet HTML 2Page - Omron Electronics LLC D5B-1515 Datasheet HTML 3Page - Omron Electronics LLC D5B-1515 Datasheet HTML 4Page - Omron Electronics LLC D5B-1515 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
D5B
M8 Type
M10 Type
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The threads of the case are not standard; 0.5-mm pitch. Therefore standard tapping to the case is not possible for mounting.
13
(15)
Resin plunger
7 dia.
(Ball 3.5R)
3.5
(Rising part of the ball)
2.5
Clamping nut
Toothed lock washer
*
16.7
7.3
4
(28)
* Operating characteristics (X, Y) measuring position
(see note 2)
M8
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-801
@
13
(15)
Resin plunger
7 dia.
0.8R
1
2.5
Clamping nut
Toothed lock washer
*
16.7
7.3
8.5
(32.5)
* Operating characteristics (X, Y) measuring position
(see note 2)
M8
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-802
@
13
(15)
Stainless
steel wire
7 dia. 3.9 dia.
5
2.5
Clamping nut
Toothed lock washer
*
16.7
7.3
(92.8)
3
0.6
dia.
* Operating characteristics (X, Y) measuring position
(see note 2)
M8
× 0.5
68.8±2
11.8±2
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-851
@
13
15
18 dia.
Resin plunger
9 dia.
Ball 4.5R
4.5
(Rising part of the ball)
2.5
5.5
7.3
Clamping nut
Toothed lock washer
20.5
(33.3)
*
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-101
@
13
15
18 dia.
Stainless
steel wire
9 dia. 4.6 dia.
0.6
dia.
55
13.3
2.5
83.3
7.3
Clamping nut
Toothed lock washer
20.5
(111.1)
*
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-151
@
13
15
18 dia.
Resin plunger
9 dia.
0.9R
2.5
11.5
7.3
Clamping nut
Toothed lock washer
20.5
(39.3)
*
1
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-102
@
13
15
18 dia.
Stainless
steel wire
9 dia. 4.6 dia.
0.6
dia.
55
33.3
2.5
83.3
7.3
Clamping nut
Toothed lock washer
20.5
(111.1)
*
* Operating characteristics (X, Y) measuring position
(see note 2)
M10
× 0.5
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
D5B-153
@


Similar Part No. - D5B-1515

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
D5BXXXXY1A ANAREN-D5BXXXXY1A Datasheet
239Kb / 2P
   Beryllium Oxide Ceramic
More results

Similar Description - D5B-1515

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SPY312 OMRON-EE-SPY312 Datasheet
365Kb / 5P
   Accurately detects objects placed in front of shiny Background.
logo
Hamamatsu Corporation
C5658_KACC1023E HAMAMATSU-C5658_KACC1023E_15 Datasheet
89Kb / 2P
   Detects optical signals at 1 GHz, with high sensitivity
logo
List of Unclassifed Man...
IQS232 ETC2-IQS232 Datasheet
1Mb / 34P
   Configurable 2 Channel sensor with Compensation for Sensitivity Reducing Objects
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
logo
Honeywell Accelerometer...
1LS47 HONEYWELL-ACC-1LS47 Datasheet
89Kb / 1P
   SWITCH IS ASSMBLED FOR ACTUATION IN BOTH DIRECTIONS
logo
Marl International Limi...
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Infineon Technologies A...
IPD135N08N3G INFINEON-IPD135N08N3G_14 Datasheet
360Kb / 9P
   Ideal for high frequency switching
Rev. 2.2 2014-05-19
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com