Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YPY1111C Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # YPY1111C
Description  Single Color High Brightness Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

YPY1111C Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  YPY1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. YPY1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Page 3
Absolute Maximum Ratings
YBG
YPY
FY
FA
FR
Power Dissipation
Pd
78
62.5
81
81
81
mW
Forward Current
IF
30
25
30
30
30
mA
Pulse Forward
Current
※ 1
IFRM
100
60
100
100
100
mA
⊿IF
0.43
0.36
0.43
0.43
0.43
mA/℃
⊿IFRM
10.86
1
1
1
mA/℃
Reverse Voltage
VR
55
55
5
V
Operating
Temperature
Topr
Storage Temperature
Tstg
Item
Symbol
Unit
Derating
(Ta=25℃ or higher)
Absolute Maximum Ratings
-40~+85
-40~+100
Single Color High Brightness Type
1111C Series
※1 IFRM condition : tw≦1ms., Duty cycle≦1/20 (FY,FA,FR:Duty≦1/10).
(Ta=25℃)
2005.7.29


Similar Part No. - YPY1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1111C-0005 STANLEY-YPY1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
YPY1111C-0005 STANLEY-YPY1111C-0005 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
More results

Similar Description - YPY1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1112H-TR STANLEY-FR1112H-TR Datasheet
372Kb / 20P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com