Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6862WLTY Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN6862WLTY
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862WLTY Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN6862WLTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 9Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 10Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862W • Rev. 1.0.0
7
Electrical Characteristics (Continued)
VDD = 15 V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PWM Output Section
DCYMAX
Maximum Duty Cycle
60
70
75
%
VOL
Output Voltage LOW
VDD = 15 V, IO = 50 mA
1.5
V
VOH
Output Voltage HIGH
VDD = 8 V, IO = 50 mA
6
V
tR
Rising Time (with Soft Driving)
GATE = 1 nF
150
ns
tF
Falling Time
GATE = 1 nF
35
ns
VCLAMP
Gate Output Clamping Voltage
VDD = 20 V
12.0
13.5
15.0
V
IO-SOURCE
Gate Source Driving Capability
(1)
VDD = 15 V
400
mA
IO-SINK
Gate Sink Driving Capability
(1)
VDD = 15 V
400
mA
Over-Temperature Protection (OTP) Section
RRT
Maximum External Resistance of RT Pin
to Trigger Protection
9
10
11
kΩ
VOTP
Threshold Voltage for Over-Temperature
Protection
FAN6862W,
FAN6862WL-Latch,
FAN6862WR-Auto
Restart, at 25°C
0.94
1.00
1.06
V
IRT
Output Current of RT Pin
92
100
108
μA
tDOTP
Over-Temperature Debounce Time
VFB=VFB-N
14
17
19
ms
VOTP2
Second Threshold Voltage for Over-
Temperature Protection
FAN6862W,
FAN6862WL-Latch,
FAN6862WR-Auto
Restart, at 25°C
0.65
0.70
0.75
V
tDOTP2
Second Over-Temperature Debounce
Time
80
135
200
µs
TOTP
Protection Junction Temperature
(1,2)
+135
°C
TRestart
Restart Junction Temperature
(1,3)
TOTP-
25
°C
Notes
:
1.
Guarantee by design.
2.
When activated, the output is disabled and the latch is turned off.
3.
The threshold temperature for enabling the output again and resetting the latch after OTP has been activated.


Similar Part No. - FAN6862WLTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6862WLTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com