Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC2400E Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC2400E
Description  Embedded Modem Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2400E Datasheet(HTML) 1 Page - Clare, Inc.

  CPC2400E Datasheet HTML 1Page - Clare, Inc. CPC2400E Datasheet HTML 2Page - Clare, Inc. CPC2400E Datasheet HTML 3Page - Clare, Inc. CPC2400E Datasheet HTML 4Page - Clare, Inc. CPC2400E Datasheet HTML 5Page - Clare, Inc. CPC2400E Datasheet HTML 6Page - Clare, Inc. CPC2400E Datasheet HTML 7Page - Clare, Inc. CPC2400E Datasheet HTML 8Page - Clare, Inc. CPC2400E Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
www.clare.com
CPC2400E
DS-CPC2400-R2
The CPC2400E is a 2400 baud embedded modem mod-
ule intended for applications that require a data commu-
nications link to the Public Switched Telephone Network
(PSTN). The CPC2400E is a complete module on a small
1.0” x 2.5” printed circuit board that can be socketed or
soldered into the host system mother board. The module
is FCC Part 68 approved and includes a user trans-
ferrable registration number. It also is a UL recognized
component. The CPC2400E can be used in a variety of
applications including set top box back channel commu-
nications, vending machines, remote utility metering,
remote data acquisition, plus a host of other applications.
The CPC2400E supports a standard serial V.24 TTL
interface to the DTE equipment.
Vending/Gaming Machines
Set Top Box Back Channel
Direct Broadcast Satellite
Utility Meters
Point of Sale Terminals
Remote Diagnostics
Remote Telemetry
Remote Monitoring
Embedded Applications
UL/C-UL: 174201
FCC Reg. # LVRPHL-25931-MD-E
Easy Integration
Small Footprint 1.00” x 2.50”
Full Duplex 2400bps
Low Power Consumption
V.24 DTE Interface
Single +5V Supply Operation
Supported Protocols: V.22bis, V.23, V.22
UL Recognized Component
FCC Part 15B Compliant
FCC Part 68 Approved (User Transferrable)
Applications
Features
Description
Approvals
Embedded Modem Module
Ordering Information
Part #
Description
CPC2400E
2400 Baud Embedded Modem Module
Pin Configuration
J1
VCC
GND
-DTR
-DCD
-MUTE
A1
N/C
RXD
TXD
J2
N/C
TIP
N/C
RING
N/C
Block Diagram
V.22BIS
DATA PUMP
CONTROLLER
DAA
PARALLEL
V.24
SERIAL
LINE
INTERFACE
DTE
TIP
RING
AUDIO
OUT
+5V
GND


Similar Part No. - CPC2400E

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2400E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
List of Unclassifed Man...
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
   Compact 56 KBPS Modem Module for Embedded Applications
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
Advantech Co., Ltd.
C-PCM-24S24G ADVANTECH-C-PCM-24S24G Datasheet
461Kb / 2P
   iDoor Communication Module with a MultiTech Dragonfly??embedded cellular modem
25-May-2020
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com