Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC2400E Datasheet(PDF) 9 Page - Clare, Inc.

Part # CPC2400E
Description  Embedded Modem Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2400E Datasheet(HTML) 9 Page - Clare, Inc.

Back Button CPC2400E Datasheet HTML 5Page - Clare, Inc. CPC2400E Datasheet HTML 6Page - Clare, Inc. CPC2400E Datasheet HTML 7Page - Clare, Inc. CPC2400E Datasheet HTML 8Page - Clare, Inc. CPC2400E Datasheet HTML 9Page - Clare, Inc. CPC2400E Datasheet HTML 10Page - Clare, Inc. CPC2400E Datasheet HTML 11Page - Clare, Inc. CPC2400E Datasheet HTML 12Page - Clare, Inc. CPC2400E Datasheet HTML 13Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Command
Function and Description
&D
Data Terminal &D determines how the modem responds to the DTR signal from the terminal. The country
Ready Options configuration may prevent the modem from detecting terminal DTR. In this case, the
modem assumes DTR is always on. In North America, terminal DTR is normally detected. If DTR detection
has been prevented, the modem will respond with an ERROR result to this command.
The response to changes in DTR also depends on the &Q and &D commands. This table defines what
happens when DTR goes off for all possible combinations of the &D and &Q commands. To see what
happens when DTR goes on refer to the &Q command. The default value is &D0 in North America:
&D0
&D1
&D2
D3
&Q0
None
B
C
D
&Q1
A
B
C
D
A
The modem hangs up the telephone line and issues an OK result code.
B
If in the On-Line state, the modem goes into the Command state and issues an OK result code.
C
The modem hangs up the telephone line and issues an OK result code. Auto-Answer is disabled as
long as DTR stays off.
D
The modem resets.
E
Command Mode E tells the modem whether or not to echo characters sent from the terminal when the
modem is Character Echo accepting AT commands.
E0
Does not echo characters sent from the terminal.
E1
Echo characters sent from the terminal. This is the default value in North America.
%E
Automatic Retrain
The %E command controls whether the modem will initiate retrain with the other modem during
Options
a telephone line connection during operation in data modes supporting retrain. The modem always
responds to a retrain operation initiated by the remote modem. The modem can be forced to initiate a
retrain by the On-Line (O1) command.
%E0
Do not initiate a retrain.
%E1
Initiate a retrain if the datapump indicates one is required.
&F
Recall Factory
&F changes these AT command options and S-registers to their default values. The default
Profile
values may be changed for use in different countries. The values for North America are:
S-registers
S0=0 S1=0
S2=43
S3=13
S4=10
S5=8
S6=2 S7=30
S8=2
S9=6
S10=14
S11=95
S12=50
S17=10
S25=5
S28=0
S29=25 S37=0
Commands
B1
E1
M1
P
Q0
V1
X4
&C0
&D0
&G0
&P0
&Q0
%E1
&G
Guard Tone Options
&G tells the modem which guard tone to transmit when the modem is transmitting the high band (i.e.,
answer handshake and answer mode).
&G0
No guard tone. This is the default value in North America.
&G1
550 Hz guard tone (V.22 and V.22bis only)
&G2
1800 Hz guard tone (V.22 and V.22bis only)
CPC2400E
www.clare.com
9
Rev. 2
AT Command Set


Similar Part No. - CPC2400E

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014N IXYS-CPC2014N Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2014NTR CLARE-CPC2014NTR Datasheet
117Kb / 5P
   8-Pin SOIC Dual OptoMOS짰 Relay
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
More results

Similar Description - CPC2400E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
List of Unclassifed Man...
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
   Compact 56 KBPS Modem Module for Embedded Applications
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
Advantech Co., Ltd.
C-PCM-24S24G ADVANTECH-C-PCM-24S24G Datasheet
461Kb / 2P
   iDoor Communication Module with a MultiTech Dragonfly??embedded cellular modem
25-May-2020
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com