Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39N20G-T47-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 39N20G-T47-T
Description  39A, 200V N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

39N20G-T47-T Datasheet(HTML) 5 Page - Unisonic Technologies

  39N20G-T47-T Datasheet HTML 1Page - Unisonic Technologies 39N20G-T47-T Datasheet HTML 2Page - Unisonic Technologies 39N20G-T47-T Datasheet HTML 3Page - Unisonic Technologies 39N20G-T47-T Datasheet HTML 4Page - Unisonic Technologies 39N20G-T47-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
39N20
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-817.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Description - 39N20G-T47-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM19N20 TSC-TSM19N20 Datasheet
88Kb / 4P
   200V N-Channel Power MOSFET
logo
Rohm
RQ3P300BH ROHM-RQ3P300BH Datasheet
2Mb / 14P
   Nch 100V 39A Power MOSFET
logo
Unisonic Technologies
30N20 UTC-30N20 Datasheet
131Kb / 3P
   30A, 200V N-CHANNEL POWER MOSFET
15N20 UTC-15N20 Datasheet
135Kb / 3P
   15A, 200V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
UF4N20 UTC-UF4N20 Datasheet
136Kb / 3P
   4A, 200V N-CHANNEL POWER MOSFET
7N20 UTC-7N20 Datasheet
214Kb / 5P
   7A, 200V N-CHANNEL POWER MOSFET
7N20Z UTC-7N20Z Datasheet
217Kb / 5P
   7A, 200V N-CHANNEL POWER MOSFET
UF4N20Z UTC-UF4N20Z Datasheet
147Kb / 3P
   4A, 200V N-CHANNEL POWER MOSFET
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com